Electronic Components Datasheet Search
  English  ▼

X  

IT8705AF Datasheet(PDF) 69 Page - List of Unclassifed Manufacturers

Part # IT8705AF
Description  Simple Low Pin Count Input/Output (simple LPC I/O)
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IT8705AF Datasheet(HTML) 69 Page - List of Unclassifed Manufacturers

Back Button IT8705AF Datasheet HTML 65Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 66Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 67Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 68Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 69Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 70Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 71Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 72Page - List of Unclassifed Manufacturers IT8705AF Datasheet HTML 73Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 185 page
background image
www.ite.com.tw
IT8705F V0.4
55
Configuration
8.9.7
Panel Button De-bounce Interrupt Level Select Register (Index=70h, Default=00h)
Bit
Description
7-4
Reserved
3-0
P.B.D Interrupt Level Select
Select the interrupt level
note1 for Panel Button De-bounce.
8.9.8
IRQ Routing Input 0 and 1 Interrupt Level Select Register (Index=71h, Default=00h)
Bit
Description
7-4
IRQIN1 Interrupt Level Select
Select the interrupt level
note1 for IRQIN1.
3-0
IRQIN0 Interrupt Level Select
Select the interrupt level
note1 for IRQIN0.
8.9.9
IRQ Routing Input 2 and 3 Interrupt Level Select Register (Index=72h, Default=00h)
Bit
Description
7-4
IRQIN3 Interrupt Level Select
Select the interrupt level
note1 for IRQIN3.
3-0
IRQIN2 Interrupt Level Select
Select the interrupt level
note1 for IRQIN2.
8.9.10
GPIO Pin Set 1, 2, 3, 4, 5 and 6 Polarity Registers (Index=B0h, B1h, B2h, B3h, B4h and B5h,
Default=00h)
These registers are used to program the GPIO pin type as either polarity inverting or non-inverting.
Bit
Description
7-0
GPIO Polarity Inverting
For each bit:
1: GPIO pin type is polarity inverting.
0: GPIO pin type is polarity non-inverting.
8.9.11
GPIO Pin Set 1, 2, 3, 4, 5 and 6 Pin Internal Pull-up Enable Registers (Index=B8h, B9h, BAh,
BBh, BCh and BDh, Default=00h)
These registers are used to enable the GPIO pin internal pull-up.
Bit
Description
7-0
GPIO Pull-up Enable
For each bit:
1: Enable GPIO pin internal pull-up.
0: Disable GPIO pin internal pull-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com