Electronic Components Datasheet Search
  English  ▼

X  

AX58200 Datasheet(PDF) 108 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 108 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 104Page - ASIX Electronics Corporation AX58200 Datasheet HTML 105Page - ASIX Electronics Corporation AX58200 Datasheet HTML 106Page - ASIX Electronics Corporation AX58200 Datasheet HTML 107Page - ASIX Electronics Corporation AX58200 Datasheet HTML 108Page - ASIX Electronics Corporation AX58200 Datasheet HTML 109Page - ASIX Electronics Corporation AX58200 Datasheet HTML 110Page - ASIX Electronics Corporation AX58200 Datasheet HTML 111Page - ASIX Electronics Corporation AX58200 Datasheet HTML 112Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 180 page
background image
108
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
2.43.4.3 EEPROM Contents Detailed Descriptions
PDI Control (0x00)
Bit
Description
7:0
PDI Control [7:0]
0x00: Interface deactivated (no PDI)
0x04: Digital I/O
0x05: SPI Slave
0x08: 16-bit Asynchronous Local Bus
0x09: 8-bit Asynchronous Local Bus
Others: reserved
ESC Configuration (0x01)
Bit
Description
0
Device emulation enables (control of AL status)
1
Enhanced Link detection all ports
3:2
Reserved
4
Enhanced Link port 0
5
Enhanced Link port 1
6
Enhanced Link port 2
7
Reserved
PDI Configuration (0x02)
Digital I/O
Bit
Description
0
OUTVALID polarity
1
OUTVALID mode
2
Unidirectional/Bidirectional mode
3
Watchdog behavior
5:4
Input DATA is sampled
7:6
Output DATA is updated
SPI Slave
Bit
Description
1:0
SPI mode
3:2
SPI_IRQ output driver/polarity
4
SPI_SEL polarity
5
Data Out sample mode
7:6
Reserved
Asynchronous Local Bus
Bit
Description
1:0
BUSY/RDY driver/polarity
3:2
IRQ driver/polarity
4
BHE/Byte Enable polarity
7:5
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com