Electronic Components Datasheet Search
  English  ▼

X  

AX58200 Datasheet(PDF) 109 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 109 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 105Page - ASIX Electronics Corporation AX58200 Datasheet HTML 106Page - ASIX Electronics Corporation AX58200 Datasheet HTML 107Page - ASIX Electronics Corporation AX58200 Datasheet HTML 108Page - ASIX Electronics Corporation AX58200 Datasheet HTML 109Page - ASIX Electronics Corporation AX58200 Datasheet HTML 110Page - ASIX Electronics Corporation AX58200 Datasheet HTML 111Page - ASIX Electronics Corporation AX58200 Datasheet HTML 112Page - ASIX Electronics Corporation AX58200 Datasheet HTML 113Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 180 page
background image
109
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
Sync/Latch[1:0] Configuration (0x03)
Bit
Description
1:0
SYNC0 output driver/polarity
2
SYNC0/LATCH0 configuration
3
SYNC0 mapped to AL Event Request
5:4
SYNC1 output driver/polarity
6
SYNC1/LATCH1 configuration
7
SYNC1 mapped to AL Event Request
Pulse Length SyncSignals (0x05 - 0x04)
Bit
Description
15:0
Pulse length of SyncSignal
Extended PDI Configuration (0x07 - 0x06)
Digital I/O / SPI Slave (for GPIO)
Bit
Description
0
Digital I/O or GPIO
Digital I/O or GPIO are configured in pairs (1:0) as inputs or outputs:
0: Input
1: Output
1
3:2 pair (0: Input, 1: Output)
2
5:4 pair (0: Input, 1: Output)
3
7:6 pair (0: Input, 1: Output)
4
9:8 pair (0: Input, 1: Output)
5
11:10 pair (0: Input, 1: Output)
6
13:12 pair (0: Input, 1: Output)
7
15:14 pair (0: Input, 1: Output)
8
17:16 pair (0: Input, 1: Output)
9
19:18 pair (0: Input, 1: Output)
10
21:20 pair (0: Input, 1: Output)
11
23:22 pair (0: Input, 1: Output)
12
25:24 pair (0: Input, 1: Output)
13
27:26 pair (0: Input, 1: Output)
14
29:28 pair (0: Input, 1: Output)
15
31:30 pair (0: Input, 1: Output)
Asynchronous Local Bus
Bit
Description
0
Read BUSY delay
1
Perform internal write
10:2
Reserved
11
23:22 pair (data bus 8-bit width only) (0: Input, 1: Output)
12
25:24 pair (data bus 8-bit width only) (0: Input, 1: Output)
13
27:26 pair (data bus 8-bit width only) (0: Input, 1: Output)
14
29:28 pair (data bus 8-bit width only) (0: Input, 1: Output)
15
31:30 pair (data bus 8-bit width only) (0: Input, 1: Output)
Configured Station Alias (0x09 - 0x08)
Bit
Description
15:0
Alias Address used for node addressing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com