Electronic Components Datasheet Search
  English  ▼

X  

AX58200 Datasheet(PDF) 110 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 110 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 106Page - ASIX Electronics Corporation AX58200 Datasheet HTML 107Page - ASIX Electronics Corporation AX58200 Datasheet HTML 108Page - ASIX Electronics Corporation AX58200 Datasheet HTML 109Page - ASIX Electronics Corporation AX58200 Datasheet HTML 110Page - ASIX Electronics Corporation AX58200 Datasheet HTML 111Page - ASIX Electronics Corporation AX58200 Datasheet HTML 112Page - ASIX Electronics Corporation AX58200 Datasheet HTML 113Page - ASIX Electronics Corporation AX58200 Datasheet HTML 114Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 180 page
background image
110
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
Host Interface Extend Setting and Drive Strength (0x0A)
Digital I/O
Bit
Description
4:0
Reserved
5
Control Driving Select:
0: 4mA
1: 8mA
6
IO [9:0] Driving Select:
0: 4mA
1: 8mA
7
IO [15:10] Driving Select:
0: 4mA
1: 8mA
SPI Slave / Asynchronous Local Bus
Bit
Description
3:0
Interrupt Edge Pulse Length (INTP_LEN)
Interrupt Edge Pulse = (INTP_LEN+1) * 100ns
4
The trigger type of interrupt signal, SINT / LINT
0: Level trigger.
1: Edge trigger.
5
Control Driving Select:
0: 4mA
1: 8mA
6
IO [9:0] Driving Select:
0: 4mA
1: 8mA
7
IO [15:10] Driving Select:
0: 4mA
1: 8mA
Multi-Function Select and Drive Strength (0x0D)
Bit
Description
0
IO [9:0] select:
0: IO [9:0]
1: MTRG, MDRLD, MSS [3:0], MINT, MMISO, MMOSI, MSCLK,
Note: in Local Bus mode this bit no function
1
IO [15:10] (SPI slave separates) select:
0: IO [15:10]
1: IO [15:14], FMOSI, FSCLK, FMISO, SFINT
Note: in Local Bus mode this bit no function
2
IO [21:16] select:
0: IO [21:16]
1: PULA, PULB, PULZ, PULZ, PULAB, IO [16]
Note: in Local Bus mode this bit no function
3
IO [25:22] select:
0: IO [25:22]
1: PWM2L, PWM2H, PWM3L, PWM3H
Note: in Local Bus 16 bits mode this bit no function
4
IO [28:26] select:
0: IO [28:26]
1: EM, PWM1L, PWM1H
Note: in Local Bus 16 bits mode this bit no function
5
IO [31:29] select:
0: IO [31:29]
1: ENCZ, ENCB, ENCA
Note: in Local Bus 16 bits mode this bit no function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com