Electronic Components Datasheet Search
  English  ▼

X  

GS12281 Datasheet(PDF) 32 Page - Semtech Corporation

Part # GS12281
Description  12G UHD-SDI Re-timing Cable Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12281 Datasheet(HTML) 32 Page - Semtech Corporation

Back Button GS12281 Datasheet HTML 28Page - Semtech Corporation GS12281 Datasheet HTML 29Page - Semtech Corporation GS12281 Datasheet HTML 30Page - Semtech Corporation GS12281 Datasheet HTML 31Page - Semtech Corporation GS12281 Datasheet HTML 32Page - Semtech Corporation GS12281 Datasheet HTML 33Page - Semtech Corporation GS12281 Datasheet HTML 34Page - Semtech Corporation GS12281 Datasheet HTML 35Page - Semtech Corporation GS12281 Datasheet HTML 36Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 97 page
background image
GS12281
Final Data Sheet
Rev.9
PDS-061385
February 2019
32 of 97
Semtech
Proprietary & Confidential
www.semtech.com
Figure 4-8: 4-Point Scan Coordinates Relative to the Eye
The four points obtained from the shape-scan can be used to quickly and easily
calculate the eye height and width of the signal eye. The shape-scan alone will most
likely meet the signal analysis requirements of most applications. Alternatively, the
coordinates obtained from the shape-scan can be used to optimize the bounds of a
partial matrix-scan. The four points returned from the shape-scan are determined by the
error rate threshold set by the error threshold parameter and the time-out parameters
previously discussed.
This section provides a step-by-step procedure to run a matrix and shape-scan. The
shape-scan procedure is described first.
Error Count = Max
> error count threshold
Error Count = 0
Positive Edge
(PE)
Negative Edge
(NE)
Left Edge
(LE)
Right Edge
(RE)
Table 4-6: Time-out Eye Scan Parameters
Register Addressh and Name
Parameter Name
Description
56,
EYE_MON_ INT_CFG_2
CFG_EYE_BER_THRESHOLD
Number of sample errors to determine fail
54,
EYE_MON_ INT_CFG_0
CFG_EYE_MON_TIMEOUT_MS
MSB of measurement time in microseconds
55,
EYE_MON_ INT_CFG_1
CFG_EYE_MON_TIMEOUT_LS
LSB of measurement time in microseconds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com