Electronic Components Datasheet Search
  English  ▼

X  

GS12281 Datasheet(PDF) 53 Page - Semtech Corporation

Part # GS12281
Description  12G UHD-SDI Re-timing Cable Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12281 Datasheet(HTML) 53 Page - Semtech Corporation

Back Button GS12281 Datasheet HTML 49Page - Semtech Corporation GS12281 Datasheet HTML 50Page - Semtech Corporation GS12281 Datasheet HTML 51Page - Semtech Corporation GS12281 Datasheet HTML 52Page - Semtech Corporation GS12281 Datasheet HTML 53Page - Semtech Corporation GS12281 Datasheet HTML 54Page - Semtech Corporation GS12281 Datasheet HTML 55Page - Semtech Corporation GS12281 Datasheet HTML 56Page - Semtech Corporation GS12281 Datasheet HTML 57Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 97 page
background image
GS12281
Final Data Sheet
Rev.9
PDS-061385
February 2019
53 of 97
Semtech
Proprietary & Confidential
www.semtech.com
Note: tcmd_GSPI_conf delay must be observed after every write that modifies
CONTROL_REG.
All connected devices receive this command (by default the Unit Address of all devices
is 0), and the Loop-Through operation will be re-established for all connected devices.
Once configured, each device will only respond to Command Words with a
UNIT ADDRESS field matching the DEV_UNIT_ADDRESS in CONTROL_REG.
Note: Although the Loop-Through and Bus-Through configurations are compatible
with previous generation GSPI enabled devices (backward compatibility), only devices
supporting Unit Addressing can share a chip select. All devices on any single chip select
must be connected in a contiguous chain with only the last device's SDOUT connected
to the application host processor. Multiple chains configured in Bus-Through mode can
have their final SDOUT outputs connected to a single application host processor input.
4.9.10 Default GSPI Operation
By default at power up or after a device reset, the GS12281 is set for Loop-Through
Operation and the internal DEV_UNIT_ADDRESS field of the device is set to 0.
Figure 4-26 shows a functional block diagram of the Configuration and Status Register
(CSR) map in the GS12281.
Figure 4-26: Internal Register Map Functional Block Diagram
The steps required for the application host processor to write to the Configuration and
Status Registers via the GSPI, are as follows:
1. Set Command Word 1 for write access (R/W = 0); set Auto Increment; set the Unit
Address field in the Command Word 1 to match the configured
DEV_UNIT_ADDRESS which will be zero after power-up. Set the Register Address
bits in Command Word 1 to match the upper 7 bits of the register address to be
accessed. Set the bits in Command Word 2 to match the lower 16 bits of the register
address to be accessed. Write Command Word 1 and Command Word 2.
2. Write the Data Word to be written to the first register.
Reg 0
Compare
Configuration and Status Registers
Read/Write
Data to be written / Read Data
DATA
[15:0]
DEV_UNIT_ADDRESS
GSPI_LINK
_DISABLE
GSPI_BUS_
THROUGH
_ENABLE
RESERVED
bits
[4:0]
[13]
[14]
[15]
bits
RESERVED
[12:5]
Lower 16 bits of Register Address
COMMAND 2
[15:0]
bits
[12]
[6:0]
COMMAND 1
At power-up or after a device reset, DEV_UNIT_ADDRESS = 00
h
[11:7]
[13]
[14]
bits
Register Address
Upper 7 bits
R/W
Unit Address
32 devices
BCAST
ALL
Auto
Inc
EMEM
[15]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com