Electronic Components Datasheet Search
  English  ▼

X  

GS12281 Datasheet(PDF) 85 Page - Semtech Corporation

Part # GS12281
Description  12G UHD-SDI Re-timing Cable Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12281 Datasheet(HTML) 85 Page - Semtech Corporation

Back Button GS12281 Datasheet HTML 81Page - Semtech Corporation GS12281 Datasheet HTML 82Page - Semtech Corporation GS12281 Datasheet HTML 83Page - Semtech Corporation GS12281 Datasheet HTML 84Page - Semtech Corporation GS12281 Datasheet HTML 85Page - Semtech Corporation GS12281 Datasheet HTML 86Page - Semtech Corporation GS12281 Datasheet HTML 87Page - Semtech Corporation GS12281 Datasheet HTML 88Page - Semtech Corporation GS12281 Datasheet HTML 89Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 97 page
background image
GS12281
Final Data Sheet
Rev.9
PDS-061385
February 2019
85 of 97
Semtech
Proprietary & Confidential
www.semtech.com
5B
EYE_MON_
SCAN_CTRL_1
RSVD
15
R/W
0
Reserved - do not modify.
CTRL_EYE_PHASE_
STEP
14:8
R/W
1
Unsigned value for phase step size.
Valid values are 1,2, and 4.
Reset value must be used for shape
scan.
Behaviour is undefined for other values.
In order to use a step size of 2 or 4,
CTRL_EYE_PHASE_START and
CTRL_EYE_PHASE_STOP must be set to
their default values.
RSVD
7
R/W
0
Reserved - do not modify.
CTRL_EYE_VERT_
OFFSET_START
6:0
R/W
0
Starting voltage offset.
Valid range is 0 to 255d.
5C
EYE_MON_
SCAN_CTRL_2
CTRL_EYE_VERT_
OFFSET_STOP
15:8
R/W
FF
Voltage offset limit.
Valid range is 0 to 255d.
CTRL_EYE_VERT_OFFSET_STOP must be
greater or equal to
CTRL_EYE_VERT_OFFSET_START. Reset
value must be used for shape scan.
In order to use a step size of 2 or 4,
CTRL_EYE_VERT_ OFFSET_START and
CTRL_EYE_VERT_ OFFSET_STOP must
be set to their default values.
RSVD
7
R/W
0
Reserved - do not modify.
CTRL_EYE_VERT_
OFFSET_STEP
6:0
R/W
1
Unsigned value for voltage offset step
size.
Valid values are 1,2, and 4.
Behaviour is undefined for other values.
Table 5-3: Control Register Descriptions (Continued)
Addressh
Register
Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com