Electronic Components Datasheet Search
  English  ▼

X  

GS12281 Datasheet(PDF) 66 Page - Semtech Corporation

Part # GS12281
Description  12G UHD-SDI Re-timing Cable Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12281 Datasheet(HTML) 66 Page - Semtech Corporation

Back Button GS12281 Datasheet HTML 62Page - Semtech Corporation GS12281 Datasheet HTML 63Page - Semtech Corporation GS12281 Datasheet HTML 64Page - Semtech Corporation GS12281 Datasheet HTML 65Page - Semtech Corporation GS12281 Datasheet HTML 66Page - Semtech Corporation GS12281 Datasheet HTML 67Page - Semtech Corporation GS12281 Datasheet HTML 68Page - Semtech Corporation GS12281 Datasheet HTML 69Page - Semtech Corporation GS12281 Datasheet HTML 70Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 97 page
background image
GS12281
Final Data Sheet
Rev.9
PDS-061385
February 2019
66 of 97
Semtech
Proprietary & Confidential
www.semtech.com
GPIO Configuration
10
GPIO0_CFG
RSVD
15:9
R/W
0
Reserved - do not modify.
CFG_GPIO0_
OUTPUT_ENA
8R/W
1
GPIO0 buffer mode control.
0 = GPIO pin is configured as an input
(tri-stated / high impedance).
1 = GPIO pin is configured as an output.
CFG_GPIO0_FUNCTION
7:0
R/W
80
Function select for GPIO0 pin.
GPIO0 output functions:
0x00 = Output driven LOW
0x01 = Output driven HIGH
0x02 = PLL lock status (HIGH — PLL
locked)
0x03 to 0x7F = Reserved - do not use.
0x80 = LOS equivalent to inverse of
STAT_PRI_CD (Default mode for GPIO0)
0x81 = carrier detect status
(STAT_PRI_CD)
0x82 = Sleep mode status (HIGH —
Device in sleep mode)
0x83 = HIGH for SD, LOW for all other
rates.
0x84 = Rate detected [0]
0x85 = Rate detected [1]
0x86 = Rate detected [2]
Note: To have full rate range using the
GPIO rate detect function, one GPIO pin
must be used for each Rate Detect
bit[2:0]. Please see Table 4-2: Detected
Data Rates for the indication values.
0x87 to 0xFF = Reserved - do not use.
GPIO0 input functions:
0x00 to 0x80 = Reserved - do not use.
0x81 = SDO0 disable control (HIGH —
disable)
0x82 = SDO1 disable control (HIGH —
disable)
0x83 to 0x84 = Reserved - do not
modify.
0x85 = Retimer bypass enable (HIGH —
Bypass enabled)
0x86 = Sleep control (HIGH — Sleep)
0x87 to 0xFF = Reserved - do not use.
Table 5-3: Control Register Descriptions (Continued)
Addressh
Register
Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com