Electronic Components Datasheet Search
  English  ▼

X  

GS12281 Datasheet(PDF) 49 Page - Semtech Corporation

Part # GS12281
Description  12G UHD-SDI Re-timing Cable Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12281 Datasheet(HTML) 49 Page - Semtech Corporation

Back Button GS12281 Datasheet HTML 45Page - Semtech Corporation GS12281 Datasheet HTML 46Page - Semtech Corporation GS12281 Datasheet HTML 47Page - Semtech Corporation GS12281 Datasheet HTML 48Page - Semtech Corporation GS12281 Datasheet HTML 49Page - Semtech Corporation GS12281 Datasheet HTML 50Page - Semtech Corporation GS12281 Datasheet HTML 51Page - Semtech Corporation GS12281 Datasheet HTML 52Page - Semtech Corporation GS12281 Datasheet HTML 53Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 97 page
background image
GS12281
Final Data Sheet
Rev.9
PDS-061385
February 2019
49 of 97
Semtech
Proprietary & Confidential
www.semtech.com
Table 4-10: GSPI Timing Parameters
Parameter
Symbol
Equivalent
SCLK
Cycles
Min
Typ
Max
Units
SCLK Frequency
—
—
—
—
27
MHz
CS LOW Before SCLK Rising Edge
t0
—1.7
—
—
ns
SCLK Period
t1
—37
—
—
ns
SCLK Duty Cycle
t2
—40
50
60
%
Input Data Setup Time
t3
—2.3
—
—
ns
SCLK Idle Time – Write
t4
1
1/SCLK
—
—
ns
SCLK Idle Time – Read
t5
—
138
—
—
ns
Inter–Command Delay Time
tcmd
3
115
—
—
ns
Inter–Command Delay Time (after
GSPI configuration write)
tcmd_GSPI_conf
1
4
139
—
—
ns
SDOUT After SCLK Falling Edge
t6
—
1.3
—
6.4
ns
CS HIGH After Final SCLK Falling
Edge
t7
—0
—
—
ns
Input Data Hold Time
t8
—1.2
—
—
ns
CS HIGH Time
t9
—58
—
—
ns
SDIN to SDOUT Combinatorial
Delay
——
—
—
3.4
ns
Max chips daisy-chained at max
SCLK frequency (26 MHz)
When host clocks in SDOUT
data on falling edge of SCLK
——
8
# of
compatible
Semtech
devices
Max frequency for 32
daisy-chained devices
When host clocks in SDOUT
data on falling edge of SCLK
——
7.5
MHz
Note:
1. tcmd_GSPI_conf inter-command delay must be used whenever modifying CONTROL_REG register at address 0x00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com