Electronic Components Datasheet Search
  English  ▼

X  

GS12281 Datasheet(PDF) 63 Page - Semtech Corporation

Part # GS12281
Description  12G UHD-SDI Re-timing Cable Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12281 Datasheet(HTML) 63 Page - Semtech Corporation

Back Button GS12281 Datasheet HTML 59Page - Semtech Corporation GS12281 Datasheet HTML 60Page - Semtech Corporation GS12281 Datasheet HTML 61Page - Semtech Corporation GS12281 Datasheet HTML 62Page - Semtech Corporation GS12281 Datasheet HTML 63Page - Semtech Corporation GS12281 Datasheet HTML 64Page - Semtech Corporation GS12281 Datasheet HTML 65Page - Semtech Corporation GS12281 Datasheet HTML 66Page - Semtech Corporation GS12281 Datasheet HTML 67Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 97 page
background image
GS12281
Final Data Sheet
Rev.9
PDS-061385
February 2019
63 of 97
Semtech
Proprietary & Confidential
www.semtech.com
6
(Continued)
RATE_
DETECT_
MODE
(Continued)
CFG_MANUAL_RATE
4:1
R/W
0
Manual rate selection. The CDR will only
lock to the selected rate if
CFG_AUTO_RATE_DETECT_ENA = 0:
0 = Reserved - do not use.
1 = MADI
2 = SD
3 = HD
4 = 3G
5 = 6G
6 = 12G
7 = Reserved - do not modify.
CFG_AUTO_RATE_DETE
CT_ENA
0R/W
1
Set or disable auto rate detection mode
for the CDR.
0 = Disable auto rate detection
1 = Enable auto rate detection
When automatic rate detection is
disabled
(CFG_AUTO_RATE_DETECT_ENA = 0),
the rate is set by CFG_MANUAL_RATE.
Note: If using manual rate selection, the
host should set CFG_MANUAL_RATE to
1 through 6 first, then set
CFG_AUTO_RATE_ENA = 0.
7
RSVD
RSVD
15:0
R/W
3
Reserved - do not modify.
8
REF_CLK_
MODE
RSVD
15:2
R/W
0
Reserved - do not modify.
CFG_REF_CLK_MODE_
MANUAL
1R/W
1
Manual external reference mode
selection:
0 = External reference clock mode
1 = Referenceless mode
Controls reference clock mode when
CFG_REF_CLK_MODE_AUTO = 0.
CFG_REF_CLK_MODE_
AUTO
0R/W
1
Automatic external reference selection
mode.
0 = Disable auto mode
1 = Enable auto mode
In auto mode, the device automatically
switches to reference clock mode when
the reference clock is detected. When
auto mode is disabled, reference clock
mode is controlled by
CFG_REF_CLK_MODE_MANUAL.
Note: Once the device has been
switched to external reference mode,
either manual or automatically, it can
not be manually set back to
referenceless mode unless it is followed
by a device reset.
Table 5-3: Control Register Descriptions (Continued)
Addressh
Register
Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com