Electronic Components Datasheet Search
  English  ▼

X  

GS12281 Datasheet(PDF) 38 Page - Semtech Corporation

Part # GS12281
Description  12G UHD-SDI Re-timing Cable Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12281 Datasheet(HTML) 38 Page - Semtech Corporation

Back Button GS12281 Datasheet HTML 34Page - Semtech Corporation GS12281 Datasheet HTML 35Page - Semtech Corporation GS12281 Datasheet HTML 36Page - Semtech Corporation GS12281 Datasheet HTML 37Page - Semtech Corporation GS12281 Datasheet HTML 38Page - Semtech Corporation GS12281 Datasheet HTML 39Page - Semtech Corporation GS12281 Datasheet HTML 40Page - Semtech Corporation GS12281 Datasheet HTML 41Page - Semtech Corporation GS12281 Datasheet HTML 42Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 97 page
background image
GS12281
Final Data Sheet
Rev.9
PDS-061385
February 2019
38 of 97
Semtech
Proprietary & Confidential
www.semtech.com
4.7 Output Drivers
The GS12281 features two independently configurable output drivers (see Figure 3-2),
with data (re-timed or bypassed) available on both outputs. The two drivers provide
highly configurable amplitude and pre-emphasis control. The signal on the outputs can
be inverted to help with signal polarity when layout requires trace inversion. The PRBS
generator is available on both outputs. The LOS (Loss of Signal) status from the equalizer
stage can be used to automatically mute or disable the outputs on their assertion. The
Loss of Lock status from the CDR block can be used to mute the outputs. The cable
drivers can be configured to mute or disable during sleep. The sleep control modes
takes precedence over the manual or automatic LOS and Loss of Lock output control
modes.
Note: The <n> in the control parameter names refers to the output number. Output 0 is
the cable driver output SDO0/SDO0 and output 1 is the cable driver output SDO1/SDO1.
4A,
CONTROL_ OUTPUT_
DISABLE
CTRL_OUTPUT1_AUTO_DISABLE
Selects automatic or manual disable control for
SDO1/SDO1.
CTRL_OUTPUT1_MANUAL_DISABLE
Manually set the disable control of the SDO1/SDO1
when auto disable mode is turned off.
CTRL_OUTPUT0_AUTO_DISABLE
Selects automatic or manual disable control for
SDO0/SDO0.
CTRL_OUTPUT0_MANUAL_DISABLE
Manually set the disable control of the SDO0/SDO0
when auto disable mode is turned off.
4B,
CONTROL_ OUTPUT_
SLEW
CTRL_OUTPUT0_AUTO_SLEW
Selects auto or manual slew rate selection for
SDO0/SDO0.
CTRL_OUTPUT0_MANUAL_SLEW
Manually set the slew rate for SDO0/SDO0 when auto
slew mode is turned off.
CTRL_OUTPUT1_AUTO_SLEW
Selects auto or manual slew rate selection for
SDO1/SDO1.
CTRL_OUTPUT1_MANUAL_SLEW
Manually set the slew rate for SDO1/SDO1 when auto
slew mode is turned off.
52,
PRBS_GEN_ CTRL
CTRL_PRBS_GEN_SIGNAL_SELECT
Selects between setting the output of the PRBS
generator to being a clock or a PRBS test signal.
CTRL_PRBS_GEN_CLK_SRC
Selects the clock source used by the PRBS generator.
CTRL_PRBS_GEN_CLK_DIVIDER
If a clock is selected as the PRBS output signal, this
parameter sets the divide ratio of the clock.
CTRL_PRBS_GEN_INVERT
Allows the polarity of the PRBS signal to be inverted.
CTRL_PRBS_GEN_DATA_RATE
If a PRBS test signal is selected as the output signal, this
parameter sets the data rate of the PRBS7 signal.
CTRL_PRBS_GEN_ENABLE
Used to enable or disable the PRBS generator.
Table 4-7: PRBS Generator Parameter Descriptions (Continued)
Register Addressh
and Name
Parameter Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com