Electronic Components Datasheet Search
  English  ▼

X  

GS12281 Datasheet(PDF) 52 Page - Semtech Corporation

Part # GS12281
Description  12G UHD-SDI Re-timing Cable Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12281 Datasheet(HTML) 52 Page - Semtech Corporation

Back Button GS12281 Datasheet HTML 48Page - Semtech Corporation GS12281 Datasheet HTML 49Page - Semtech Corporation GS12281 Datasheet HTML 50Page - Semtech Corporation GS12281 Datasheet HTML 51Page - Semtech Corporation GS12281 Datasheet HTML 52Page - Semtech Corporation GS12281 Datasheet HTML 53Page - Semtech Corporation GS12281 Datasheet HTML 54Page - Semtech Corporation GS12281 Datasheet HTML 55Page - Semtech Corporation GS12281 Datasheet HTML 56Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 97 page
background image
GS12281
Final Data Sheet
Rev.9
PDS-061385
February 2019
52 of 97
Semtech
Proprietary & Confidential
www.semtech.com
Figure 4-23: GSPI Write Timing—Auto-Increment with Bus-Through Operation
Figure 4-24: GSPI Read Timing—Auto-Increment Read with Loop-Through Operation (default)
Figure 4-25: GSPI Read Timing—Auto-Increment Read with Bus-through Operation
4.9.9 Setting a Device Unit Address
Multiple (up to 32) GS12281 devices can be connected to a common Chip Select (CS) in
Loop-Through or Bus-Through operation.
To ensure that each device selected by a common CS can be separately addressed, a
unique Unit Address must be programmed by the host processor at start-up as part of
system initialization or following a device reset.
Note: By default at power up or after a device reset, the DEV_UNIT_ADDRESS of each
device is set to 0h and the SDINSDOUT non-clocked loop-through for each device is
enabled.
These are the steps required to set the DEV_UNIT_ADDRESS of devices in a chain to
values other than 0:
1. Write to Unit Address 0 selecting CONTROL_REG (ADDRESS = 0), with the
GSPI_LINK_DISABLE bit set to 1 and the DEV_UNIT_ADDRESS field set to 0. This
disables the direct SDIN
SDOUT non-clocked path for all devices on chip select.
2. Write to Unit Address 0 selecting CONTROL_REG (ADDRESS = 0), with the
GSPI_LINK_DISABLE bit set to 0 and the DEV_UNIT_ADDRESS field set to a
unique Unit Address. This configures DEV_UNIT_ADDRESS for the first device in
the chain. Each subsequent such write to Unit Address 0 will configure the next
device in the chain. If there are 32 devices in a chain, the last (32nd) device in the
chain must use DEV_UNIT_ADDRESS value 0.
3. Repeat step 2 using new, unique values for the DEV_UNIT_ADDRESS field in
CONTROL_REG until all devices in the chain have been configured with their own
unique Unit Address value.
SCLK
CS
SDIN
SDOUT
COMMAND WORD 1
COMMAND WORD 1
DATA 1
DATA 1
DATA 2
DATA 2
High-Z
COMMAND WORD 2
COMMAND WORD 2
SCLK
CS
SDIN
SDOUT
5
t
COMMAND WORD 1
COMMAND WORD 1
DATA 1
DATA 2
COMMAND WORD 2
COMMAND WORD 2
SCLK
CS
SDIN
SDOUT
5
t
COMMAND WORD 1
COMMAND WORD 1
DATA 1
DATA 2
High-z
X
COMMAND WORD 2
COMMAND WORD 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com