Electronic Components Datasheet Search
  English  ▼

X  

GS12281 Datasheet(PDF) 92 Page - Semtech Corporation

Part # GS12281
Description  12G UHD-SDI Re-timing Cable Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12281 Datasheet(HTML) 92 Page - Semtech Corporation

Back Button GS12281 Datasheet HTML 88Page - Semtech Corporation GS12281 Datasheet HTML 89Page - Semtech Corporation GS12281 Datasheet HTML 90Page - Semtech Corporation GS12281 Datasheet HTML 91Page - Semtech Corporation GS12281 Datasheet HTML 92Page - Semtech Corporation GS12281 Datasheet HTML 93Page - Semtech Corporation GS12281 Datasheet HTML 94Page - Semtech Corporation GS12281 Datasheet HTML 95Page - Semtech Corporation GS12281 Datasheet HTML 96Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 97 page
background image
GS12281
Final Data Sheet
Rev.9
PDS-061385
February 2019
92 of 97
Semtech
Proprietary & Confidential
www.semtech.com
8F
EYE_MON_
SHAPE_
OUTPUT_3
STAT_EYE_SHAPE_
NEG_EDGE_OFFSET
15:8
RO
—
Negative (bottom) Edge Voltage Offset
returned from shape scan.
Offset values 0 to 255d, 0 represents
most negative voltage, 127d is 0V 255d
is most positive voltage.
STAT_EYE_SHAPE_
NEG_EDGE_PHASE
7:0
RO
—
Negative (bottom) Edge Phase returned
from shape scan.
Phase values 0 to 127d.
90
EYE_MON_
STATUS
RSVD
15:9
RO
—
Reserved
STAT_EYE_SCAN_
PARTIAL_OR_FULL
8RO
—
Full scan status:
0 = Full scan complete.
1 = Partial scan complete.
On completion of an eye monitor eye
scan (CRTL_EYE_SHAPE_SCAN_B = 0),
indicates whether the eye monitor
completed the full scan or a partial scan.
Undefined for eye shape scan
(CTRL_EYE_SHAPE_SCAN_B = 1).
RSVD
7:2
RO
—
Reserved
STAT_EYE_MON_
STATUS
1:0
RO
—
Eye monitor status:
0 = Eye monitor idle; ready for new
operation
1 = Eye monitor operation in progress
2 = Eye monitor operation completed
(success)
3 = Eye monitor operation aborted
(error). Part of a four way handshake
with CTRL_EYE_MON_START, see
Section 4.5 for procedure. Abort will be
reported by device if loss of lock or
sleep occurred during an eye monitor
operation or those conditions existed
when the operation was requested by
the host.
91 - BF
RSVD
RSVD
15:0
—
—
Reserved
Table 5-4: Status Register Descriptions (Continued)
Address
Register
Name
Parameter Name
Bit
Slice
R/W
Reset
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com