Electronic Components Datasheet Search
  English  ▼

X  

GS12281 Datasheet(PDF) 11 Page - Semtech Corporation

Part # GS12281
Description  12G UHD-SDI Re-timing Cable Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12281 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button GS12281 Datasheet HTML 7Page - Semtech Corporation GS12281 Datasheet HTML 8Page - Semtech Corporation GS12281 Datasheet HTML 9Page - Semtech Corporation GS12281 Datasheet HTML 10Page - Semtech Corporation GS12281 Datasheet HTML 11Page - Semtech Corporation GS12281 Datasheet HTML 12Page - Semtech Corporation GS12281 Datasheet HTML 13Page - Semtech Corporation GS12281 Datasheet HTML 14Page - Semtech Corporation GS12281 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 97 page
background image
GS12281
Final Data Sheet
Rev.9
PDS-061385
February 2019
11 of 97
Semtech
Proprietary & Confidential
www.semtech.com
SDO Output Common
Mode Voltage
VCMOUT
Single Ended
—
VCCO -
VSDO/2
——
DDI Input Termination
Differential
—
100
—
Ω
—
SDO Output Termination
Between SDO and GND
—
75
—
Ω
3
Input Voltage - Digital Pins
(CS, SDIN, SCLK, GPIO[0:1])
VIH
0.65*
VDD
—VDD
V
—
VIL
0—
0.35*
VDD
V—
Input Voltage - Digital Pins
(GPIO[2:3])
VIH
0.65*
VCC_CORE
—
VCC_CORE
V
—
VIL
0—
0.35*
VCC_CORE
V—
Output Voltage - Digital Pins
(SDOUT, GPIO[0:1])
VOH
IOH = -5mA
VDD -
0.45
——
V
—
VOL
IOL = +5mA
—
—
0.45
V
—
Output Voltage - Digital Pins
(GPIO[2:3])
VOH
IOH = -5mA
VCC_CORE
- 0.45
——
V
—
VOL
IOL = +5mA
—
—
0.45
V
—
Notes:
1. Pre-emphasis is disabled.
2. 0.94V is when trace EQ is DC coupled to upstream driver running from 1.2V supply, and 2.525V is when trace EQ is DC coupled to upstream driver
running from 2.5V supply.
3. Applies to both SDO0 and SDO1.
4. The specifications provided are per symbol, not a combined value.
5. Current listed is an increase to ICC_CORE when stated condition is true.
6. Selected clock source = VCO free running.
Table 2-2: DC Electrical Characteristics (Continued)
TA = -40°C to +85°C, unless otherwise shown.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com