Electronic Components Datasheet Search
  English  ▼

X  

GS12281 Datasheet(PDF) 72 Page - Semtech Corporation

Part # GS12281
Description  12G UHD-SDI Re-timing Cable Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12281 Datasheet(HTML) 72 Page - Semtech Corporation

Back Button GS12281 Datasheet HTML 68Page - Semtech Corporation GS12281 Datasheet HTML 69Page - Semtech Corporation GS12281 Datasheet HTML 70Page - Semtech Corporation GS12281 Datasheet HTML 71Page - Semtech Corporation GS12281 Datasheet HTML 72Page - Semtech Corporation GS12281 Datasheet HTML 73Page - Semtech Corporation GS12281 Datasheet HTML 74Page - Semtech Corporation GS12281 Datasheet HTML 75Page - Semtech Corporation GS12281 Datasheet HTML 76Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 97 page
background image
GS12281
Final Data Sheet
Rev.9
PDS-061385
February 2019
72 of 97
Semtech
Proprietary & Confidential
www.semtech.com
2E
OUTPUT_
PARAM_
CD_HD_2
RSVD
15:13
R/W
0
Reserved - do not modify.
CFG_OUTPUT0_CD_
HD_PREEMPH_WIDTH
12:8
R/W
8
Configure the HD/3G rate pre-emphasis
pulse width on cable driver output0
(SDO0).
Range: 0 to 15d
Adjust the pre-emphasis pulse width to
better match the channel loss response
shape.
RSVD
7
R/W
Reserved - do not modify.
CFG_OUTPUT0_CD_
HD_PREEMPH_
PWRDWN
6R/W
0
Power down the HD/3G rate
pre-emphasis on cable driver output0
(SDO0)
0 = Pre-emphasis driver powered up
(pre-emphasis enabled).
1 = Pre-emphasis driver powered down
(pre-emphasis disabled).
CFG_OUTPUT0_CD_
HD_PREEMPH_AMPL
5:0
R/W
5
Configure the HD/3G rate pre-emphasis
amplitude on cable driver output0
(SDO0).
Range: 0 to 15d.
Adjust the pre-emphasis pulse
amplitude to better match the channel
loss at Nyquist.
2F
OUTPUT_
PARAM_
CD_HD_3
RSVD
15:14
R/W
0
Reserved - do not modify.
CFG_OUTPUT0_CD_
HD_DRIVER_SWING
13:8
R/W
19
Configure the HD/3G rate amplitude on
cable driver output 0 (SDO0) in
~26mVpp steps.
Functional Range = 9d to 31d
Precision Range = 22d to 28d
Default value = 25d (~800mVpp)
Note: In auto slew mode (CTRL_
OUTPUT0_AUTO_SLEW=1), the slew
rate is determined by the rate at which
the CDR is locked. If the CDR is
unlocked, the slew will default to
6G/12G Slew. See Table 2-3 for Rise/Fall
Times, and Section 4.7.3 for more details
on output driver selection.
RSVD
7:0
R/W
80
Reserved - do not modify.
Table 5-3: Control Register Descriptions (Continued)
Addressh
Register
Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com