Electronic Components Datasheet Search
  English  ▼

X  

GS12281 Datasheet(PDF) 60 Page - Semtech Corporation

Part # GS12281
Description  12G UHD-SDI Re-timing Cable Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12281 Datasheet(HTML) 60 Page - Semtech Corporation

Back Button GS12281 Datasheet HTML 56Page - Semtech Corporation GS12281 Datasheet HTML 57Page - Semtech Corporation GS12281 Datasheet HTML 58Page - Semtech Corporation GS12281 Datasheet HTML 59Page - Semtech Corporation GS12281 Datasheet HTML 60Page - Semtech Corporation GS12281 Datasheet HTML 61Page - Semtech Corporation GS12281 Datasheet HTML 62Page - Semtech Corporation GS12281 Datasheet HTML 63Page - Semtech Corporation GS12281 Datasheet HTML 64Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 97 page
background image
GS12281
Final Data Sheet
Rev.9
PDS-061385
February 2019
60 of 97
Semtech
Proprietary & Confidential
www.semtech.com
5.3 Register Descriptions
8D
EYE_MON_ SHAPE_ OUTPUT_1
RW
8E
EYE_MON_ SHAPE_ OUTPUT_2
RW
8F
EYE_MON_ SHAPE_ OUTPUT_3
RW
90
EYE_MON_ STATUS
RW
91 to BF
RSVD
RW
Table 5-2: Status Registers (Continued)
GSPI
Addressh
Register Name
R/W
Table 5-3: Control Register Descriptions
Addressh
Register
Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description
Device Configuration And Control
0
CONTROL_
REG
RSVD
15
R/W
0
Reserved - do not modify.
GSPI_LINK_DISABLE
14
R/W
0
0 = Enable loop-through. SDIN pin is
looped through to the SDOUT pin.
1 = Disable loop-through. Data
appearing at SDIN does not appear at
SDOUT, and SDOUT pin is HIGH.
GSPI_BUS_THROUGH_
ENABLE
13
R/W
0
0 = Disable bus-through mode
1 = Enable bus-through mode
RSVD
12:5
R/W
0
Reserved - do not modify.
DEV_UNIT_ADDRESS
4:0
R/W
0
Device address programmed by
application. See Section 4.9.9 for further
information
1
DEVICE_ID
DEVICE_VERSION
15:0
RO
—
This register contains the device’s
identification, including revision.
Contact the local technical sales
representative for more details.
2
RSVD
RSVD
15:0
R/W
0
Reserved - do not modify.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com