Electronic Components Datasheet Search
  English  ▼

X  

GS12281 Datasheet(PDF) 1 Page - Semtech Corporation

Part # GS12281
Description  12G UHD-SDI Re-timing Cable Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12281 Datasheet(HTML) 1 Page - Semtech Corporation

  GS12281 Datasheet HTML 1Page - Semtech Corporation GS12281 Datasheet HTML 2Page - Semtech Corporation GS12281 Datasheet HTML 3Page - Semtech Corporation GS12281 Datasheet HTML 4Page - Semtech Corporation GS12281 Datasheet HTML 5Page - Semtech Corporation GS12281 Datasheet HTML 6Page - Semtech Corporation GS12281 Datasheet HTML 7Page - Semtech Corporation GS12281 Datasheet HTML 8Page - Semtech Corporation GS12281 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 97 page
background image
1 of 97
Semtech
Proprietary & Confidential
GS12281
Final Data Sheet
Rev.9
PDS-061385
February 2019
GS12281
12G UHD-SDI Re-timing Cable Driver
www.semtech.com
Key Features
•
Dual non-inverted 75Ω cable interface with on-chip
termination
•
SMPTE ST 2082-1, ST 2081-1, ST 424, ST 292-1 and ST 259
compliant input/output
•
Multi-standard operation from 1Mb/s to 11.88Gb/s
•
In addition to standard SMPTE rates, the device also supports
re-timing of DVB-ASI at 270Mb/s, and MADI at 125Mb/s.
•
3D Input Signal Eye Monitor
•
PRBS generator and checker
•
Cable driver mode features:
 Wide swing control
 Pre-emphasis to compensate for significant insertion loss
between device output and BNC
 Automatic/manual output slew rate control
 Manual or automatic re-timer bypass
 Manual or automatic Mute or disable on LOS
•
Trace equalizer features:
 Integrated 100Ω, differential input termination
 Automatic power down on loss of signal
 Adjustable carrier detect threshold
 DC-coupling from 1.2V to 2.5V CML logic
 Trace equalization to compensate for up to 20” FR4 at
11.88Gb/s
 Automatic input offset compensation
•
CDR features:
 Manual or automatic rate modes
 Wide Loop bandwidth control
 Re-timing at the following data rates: 125Mb/s, 270Mb/s,
1.485Gb/s, 2.97Gb/s, 5.94Gb/s, and 11.88Gb/s. This
includes the f/1.001 rates.
Additional Features
•
Single 1.8V power supply for analog and digital core
•
2.5V or 3.3V for cable driver output supply
•
GSPI serial control and monitoring interface
•
Four configurable GPIO pins for control or status monitoring
•
Wide operating temperature range: -40ºC to +85ºC
•
Small 6mm x 4mm 40-pin QFN
•
Pin compatible with the GS12181, GS12182, GS12081, and
GS3281
•
Pb-free/Halogen-free/RoHS and WEEE compliant package
Applications
Next Generation 12G UHD-SDI infrastructures designed to
support UHDTV1, UHDTV2, 4K D-Cinema and 3D HFR and HDR
production image formats. Typical applications: Cameras,
Switchers, Distribution Amplifiers and Routers.
Description
The GS12281 is a low-power, multi-rate, re-timing cable driver
supporting rates up to 12G UHD-SDI. It is designed to receive
100Ω differential input signals, automatically recover the
embedded clock from the digital video signal and re-time the
incoming data, and transmit the re-timed signal over 75Ω coaxial
cables. The 100Ω trace input supports up to 17dB of insertion loss.
The integrated eye monitor provides non-disruptive mission
mode analysis of the post equalized input signal. The 256x128
resolution scan matrix allows accurate signal analysis to speed up
prototyping and enable field analysis.
Built in macros enable customizable cross section analysis and
quick horizontal and vertical eye opening measurements.
With high phase consistency between scans and configurable
space and time thresholds, algorithms can be deployed in the
field to analyze long term signal quality variation (Bathtub Plot) to
reduce costly system installation debug time for intermittent
errors. The two cable drivers have highly configurable
pre-emphasis and swing controls to compensate for long trace
and connector losses. Additionally, automatic and user selectable
output slew rate control is provided for each cable driver output.
The GS12281 is pin compatible with the GS12181 single input,
and the GS12182 dual input 12G UHD-SDI Multi-rate Re-timing
Cable Drivers, the GS12081 12G UHD-SDI Multi-rate Cable Driver,
as well as the GS3281 3G SDI Multi-rate Re-timing Cable Driver.
Note: For the GS12281 to be pin compatible with the GS12182,
careful design considerations are required. Contact for your local
Semtech FAE for details.


Similar Part No. - GS12281

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS12241 SEMTECH-GS12241 Datasheet
4Mb / 108P
12G UHD-SDI Re-timing Adaptive Cable Equalizer
Rev.5 July 2018
GS12241-INE3 SEMTECH-GS12241-INE3 Datasheet
4Mb / 108P
12G UHD-SDI Re-timing Adaptive Cable Equalizer
Rev.5 July 2018
GS12241-INTE3 SEMTECH-GS12241-INTE3 Datasheet
4Mb / 108P
12G UHD-SDI Re-timing Adaptive Cable Equalizer
Rev.5 July 2018
GS12241-INTE3Z SEMTECH-GS12241-INTE3Z Datasheet
4Mb / 108P
12G UHD-SDI Re-timing Adaptive Cable Equalizer
Rev.5 July 2018
More results

Similar Description - GS12281

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH1208 TI1-LMH1208 Datasheet
730Kb / 10P
12G UHD-SDI Dual Output Cable Driver
LMH1228 TI1-LMH1228 Datasheet
730Kb / 10P
12G UHD-SDI Dual Output Cable Driver With Integrated Reclocker
logo
Semtech Corporation
GS12181 SEMTECH-GS12181 Datasheet
2Mb / 68P
12G UHD-SDI Retiming Cable Driver
GS3281 SEMTECH-GS3281 Datasheet
3Mb / 97P
3G-SDI Re-timing Cable Driver
GS3590 SEMTECH-GS3590 Datasheet
4Mb / 118P
Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
GS12081 SEMTECH-GS12081 Datasheet
2Mb / 64P
12G UHD-SDI Cable Driver
GS12090 SEMTECH-GS12090 Datasheet
4Mb / 121P
Bidirectional 12G UHD-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
GS12141 SEMTECH-GS12141 Datasheet
2Mb / 65P
12G UHD-SDI Retiming Adaptive Cable Equalizer
GS12190 SEMTECH-GS12190 Datasheet
2Mb / 121P
Bidirectional 12G UHD-SDI Reclocking Adaptive Cable Equalizer/Cable Driver
GS12341 SEMTECH-GS12341 Datasheet
4Mb / 109P
12G UHD-SDI Reclocking Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com