Electronic Components Datasheet Search
  English  ▼

X  

GS12281 Datasheet(PDF) 87 Page - Semtech Corporation

Part # GS12281
Description  12G UHD-SDI Re-timing Cable Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12281 Datasheet(HTML) 87 Page - Semtech Corporation

Back Button GS12281 Datasheet HTML 83Page - Semtech Corporation GS12281 Datasheet HTML 84Page - Semtech Corporation GS12281 Datasheet HTML 85Page - Semtech Corporation GS12281 Datasheet HTML 86Page - Semtech Corporation GS12281 Datasheet HTML 87Page - Semtech Corporation GS12281 Datasheet HTML 88Page - Semtech Corporation GS12281 Datasheet HTML 89Page - Semtech Corporation GS12281 Datasheet HTML 90Page - Semtech Corporation GS12281 Datasheet HTML 91Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 97 page
background image
GS12281
Final Data Sheet
Rev.9
PDS-061385
February 2019
87 of 97
Semtech
Proprietary & Confidential
www.semtech.com
Table 5-4: Status Register Descriptions
Address
Register
Name
Parameter Name
Bit
Slice
R/W
Reset
Value
Description
80
RSVD
RSVD
15:0
RO
—
Reserved.
81
VERSION_0
STAT_CONFIG_VER0
15:0
RO
—
This register contains the first part of
the device configuration version. Please
contact your local technical sales
representative for more details.
82
VERSION_1
STAT_CONFIG_VER1
15:0
RO
—
This register contains the second part of
the device configuration version. Please
contact your local technical sales
representative for more details.
83
VERSION_2
STAT_HW_VERSION
15:0
RO
—
This register contains the devices
identification, including revision. Please
contact your local technical sales
representative for more details.
84
STICKY_
COUNTS_0
STAT_CNT_PRI_CD_
CHANGES
15:8
RO
—
Count of primary carrier detection
status changes since last cleared.
The count saturates at 255d (0xFF).
See Section 4.9.11 for procedure to clear
the counts.
RSVD
7:0
RO
—
Reserved.
85
STICKY_
COUNTS_1
STAT_CNT_RATE_
CHANGES
15:8
RO
—
Count of PLL rate changes since last
cleared.
The count saturates at 255d (0xFF).
See Section 4.9.11 for procedure to clear
the counts.
STAT_CNT_PLL_
LOCK_CHANGES
7:0
RO
—
Count of PLL lock status changes since
last cleared.
The count saturates at 255d (0xFF).
See Section 4.9.11 for procedure to clear
the counts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com