Electronic Components Datasheet Search
  English  ▼

X  

GS12281 Datasheet(PDF) 82 Page - Semtech Corporation

Part # GS12281
Description  12G UHD-SDI Re-timing Cable Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12281 Datasheet(HTML) 82 Page - Semtech Corporation

Back Button GS12281 Datasheet HTML 78Page - Semtech Corporation GS12281 Datasheet HTML 79Page - Semtech Corporation GS12281 Datasheet HTML 80Page - Semtech Corporation GS12281 Datasheet HTML 81Page - Semtech Corporation GS12281 Datasheet HTML 82Page - Semtech Corporation GS12281 Datasheet HTML 83Page - Semtech Corporation GS12281 Datasheet HTML 84Page - Semtech Corporation GS12281 Datasheet HTML 85Page - Semtech Corporation GS12281 Datasheet HTML 86Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 97 page
background image
GS12281
Final Data Sheet
Rev.9
PDS-061385
February 2019
82 of 97
Semtech
Proprietary & Confidential
www.semtech.com
51
PRBS_CHK_
CTRL
RSVD
15:9
R/W
0
Reserved - do not modify.
CTRL_PRBS_CHECK_
TIMED_CONT_B
8R/W
0
Selects between timed and continuous
PRBS check mode.
0 = Selects continuous PRBS check
mode.
1 = Selects timed PRBS check mode.
RSVD
7:1
R/W
0
Reserved - do not modify.
CTRL_PRBS_CHECK_
START
0R/W
0
Set to 1 by host to start a timed
operation.
Set to 0 by host after completion or
abort of the operation (by the device
due to loss of lock) to tell the device that
PRBS result has been read by the host.
See Section 4.4 for more details on PRBS
checker function.
52
PRBS_GEN_
CTRL
RSVD
15:10
R/W
0
Reserved - do not modify.
CTRL_PRBS_GEN_
ENABLE
9R/W
0
Selects whether the PRBS generator is
enabled or not:
0 = PRBS Generator disabled
1 = PRBS Generator enabled
Note: enabling the PRBS generator does
not automatically override other device
modes such as auto-sleep,
auto-output-mute, auto-output-disable,
etc. These continue to function
normally. The user/host may need to
adjust those settings to ensure the part
will output the PRBS signal.
CTRL_PRBS_GEN_
SIGNAL_SELECT
8R/W
1
Select output signal from PRBS
generator as either PRBS7 or divided
clock (divided version of the PRBS
generator clock source):
0 = clock divider (using ratio set by
CTRL_PRBS_GEN_CLK_DIVIDER)
1 = PRBS7
CTRL_PRBS_GEN_
CLK_SRC
7:6
R/W
0
Selects clock source for PRBS generator:
0 = VCO (free running)
1 = Reserved
2 = Reserved
3 = Data reference PLL (CDR recovered
clock)
Table 5-3: Control Register Descriptions (Continued)
Addressh
Register
Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com