Electronic Components Datasheet Search
  English  ▼

X  

GS12281 Datasheet(PDF) 90 Page - Semtech Corporation

Part # GS12281
Description  12G UHD-SDI Re-timing Cable Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12281 Datasheet(HTML) 90 Page - Semtech Corporation

Back Button GS12281 Datasheet HTML 86Page - Semtech Corporation GS12281 Datasheet HTML 87Page - Semtech Corporation GS12281 Datasheet HTML 88Page - Semtech Corporation GS12281 Datasheet HTML 89Page - Semtech Corporation GS12281 Datasheet HTML 90Page - Semtech Corporation GS12281 Datasheet HTML 91Page - Semtech Corporation GS12281 Datasheet HTML 92Page - Semtech Corporation GS12281 Datasheet HTML 93Page - Semtech Corporation GS12281 Datasheet HTML 94Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 97 page
background image
GS12281
Final Data Sheet
Rev.9
PDS-061385
February 2019
90 of 97
Semtech
Proprietary & Confidential
www.semtech.com
87
(Continued)
CURRENT_
STATUS_1
(Continued)
STAT_DETECTED_RATE
2:0
RO
—
Rate at which the CDR is locked.
0 = Unlocked
1 = MADI (125Mb/s)
2 = SD (270Mb/s)
3 = HD (1.485Gb/s)
4 = 3G (2.97Gb/s)
5 = 6G (5.94Gb/s)
6 = 12G (11.88Gb/s)
7 = Reserved
88
RSVD
RSVD
15:0
RO
—
Reserved
89
PRBS_
CHK_
ERR_CNT
STAT_PRBS_CHK_
ERR_CNT
15:0
RO
—
PRBS checker error count. Cleared to 0
at the start of a measurement. Updated
by the device on completion of a
measurement. Value is undefined in
case of abort due to loss of CDR lock
(STAT_PRBS_CHECK_LAST_ABORT = 1).
8A
PRBS_
CHK_STATUS
RSVD
15:10
RO
—
Reserved
STAT_PRBS_CHECK_
NODATA
9RO
—
0 = Normal
1 = No data transitions were seen
during the previous PRBS check. This bit
is set to 1 to indicate that the input data
was all 0's during a PRBS check. When
that happens, the error count will be
zero when in fact there was no valid
PRBS pattern.This bit is updated by the
device on completion of a
measurement. It retains its value until
the next PRBS check operation is
requested. Value is undefined in case of
abort
(STAT_PRBS_CHECK_LAST_ABORT = 1).
Value does not increment during a
measurement until it completes.
STAT_PRBS_CHECK_
LAST_ABORT
8RO
—
PRBS abort status.
0 = Normal.
1 = PRBS check was aborted due to loss
of lock or sleep.
This bit retains its value until the next
PRBS operation is requested.
RSVD
7:2
RO
—
Reserved
Table 5-4: Status Register Descriptions (Continued)
Address
Register
Name
Parameter Name
Bit
Slice
R/W
Reset
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com