Electronic Components Datasheet Search
  English  ▼

X  

GS12281 Datasheet(PDF) 95 Page - Semtech Corporation

Part # GS12281
Description  12G UHD-SDI Re-timing Cable Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12281 Datasheet(HTML) 95 Page - Semtech Corporation

Back Button GS12281 Datasheet HTML 89Page - Semtech Corporation GS12281 Datasheet HTML 90Page - Semtech Corporation GS12281 Datasheet HTML 91Page - Semtech Corporation GS12281 Datasheet HTML 92Page - Semtech Corporation GS12281 Datasheet HTML 93Page - Semtech Corporation GS12281 Datasheet HTML 94Page - Semtech Corporation GS12281 Datasheet HTML 95Page - Semtech Corporation GS12281 Datasheet HTML 96Page - Semtech Corporation GS12281 Datasheet HTML 97Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 95 / 97 page
background image
GS12281
Final Data Sheet
Rev.9
PDS-061385
February 2019
95 of 97
Semtech
Proprietary & Confidential
www.semtech.com
7.2 Recommended PCB Footprint
Figure 7-2: Recommended PCB Footprint
7.3 Packaging Data
0.60
3.60
0.20
0.40
5.20
Pin #1
Table 7-1: Packaging Data
Parameter
Value
Package Type
6mm x 4mm 40-pin QFN
Moisture Sensitivity Level
3
Junction to Air Thermal Resistance,
j-a (at zero airflow)
40.0°C/W
Junction to Board Thermal Resistance,
j-b
32.0°C/W
Junction to Case Thermal Resistance,
j-c
36.0°C/W
Junction-to-Top Characterization Parameter, Psi,

<1.0°C/W
Pb-free and RoHS compliant
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com