Electronic Components Datasheet Search
  English  ▼

X  

GS12281 Datasheet(PDF) 46 Page - Semtech Corporation

Part # GS12281
Description  12G UHD-SDI Re-timing Cable Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12281 Datasheet(HTML) 46 Page - Semtech Corporation

Back Button GS12281 Datasheet HTML 42Page - Semtech Corporation GS12281 Datasheet HTML 43Page - Semtech Corporation GS12281 Datasheet HTML 44Page - Semtech Corporation GS12281 Datasheet HTML 45Page - Semtech Corporation GS12281 Datasheet HTML 46Page - Semtech Corporation GS12281 Datasheet HTML 47Page - Semtech Corporation GS12281 Datasheet HTML 48Page - Semtech Corporation GS12281 Datasheet HTML 49Page - Semtech Corporation GS12281 Datasheet HTML 50Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 97 page
background image
GS12281
Final Data Sheet
Rev.9
PDS-061385
February 2019
46 of 97
Semtech
Proprietary & Confidential
www.semtech.com
Multiple chains of GS12281 devices can share a single SDOUT bus connection to host by
configuring the devices for Bus-Through operation. In such configuration, each chain
requires a separate Chip Select (CS).
Figure 4-12: GSPI_BUS_THROUGH_ENABLE Operation
4.9.4 SCLK Pin
The SCLK pin is the GSPI serial data shift clock input to the device, and must be provided
by the host processor.
Serial data is clocked into the GS12281 SDIN pin on the rising edge of SCLK. Serial data
is clocked out of the device from the SDOUT pin on the falling edge of SCLK (read
operation). SCLK is ignored when CS is HIGH.
The maximum interface clock rate is 27MHz.
4.9.5 Command Word 1 Description
All GSPI accesses are a minimum of 48 bits in length (two 16-bit Command Words
followed by a 16-bit Data Word) and the start of each access is indicated by the
HIGH-to-LOW transition of the chip select (CS) pin of the GS12281.
The format of the Command Words and Data Word are shown in Figure 4-13.
Data received immediately following this HIGH-to-LOW transition will be interpreted as
a new Command Word.
4.9.5.1 R/W bit—B15 Command Word 1
This bit indicates a read or write operation.
When R/W is set to 1, a read operation is indicated, and data is read from the register
specified by the ADDRESS field of the Command Word.
When R/W is set to 0, a write operation is indicated, and data is written to the register
specified by the ADDRESS field of the Command Word.
SDIN pin
SDOUT pin
GSPI_LINK
_DISABLE
BUS_THROUGH_
ENABLE
CS pin
High-Z
Configuration and
Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com