Electronic Components Datasheet Search
  English  ▼

X  

GS12281 Datasheet(PDF) 20 Page - Semtech Corporation

Part # GS12281
Description  12G UHD-SDI Re-timing Cable Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12281 Datasheet(HTML) 20 Page - Semtech Corporation

Back Button GS12281 Datasheet HTML 16Page - Semtech Corporation GS12281 Datasheet HTML 17Page - Semtech Corporation GS12281 Datasheet HTML 18Page - Semtech Corporation GS12281 Datasheet HTML 19Page - Semtech Corporation GS12281 Datasheet HTML 20Page - Semtech Corporation GS12281 Datasheet HTML 21Page - Semtech Corporation GS12281 Datasheet HTML 22Page - Semtech Corporation GS12281 Datasheet HTML 23Page - Semtech Corporation GS12281 Datasheet HTML 24Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 97 page
background image
GS12281
Final Data Sheet
Rev.9
PDS-061385
February 2019
20 of 97
Semtech
Proprietary & Confidential
www.semtech.com
4.3.1 PLL Loop Bandwidth Control
The ratio of output peak-to-peak jitter to input peak-to-peak jitter of the CDR can be
represented by a low-pass jitter transfer function, with a bandwidth equal to the PLL
loop bandwidth. Although the default loop bandwidth settings for the GS12281 CDR
are ideal for most SDI signals, the GS12281 allows the user to adjust the loop bandwidth
for each MADI and SMPTE compliant rate.
Registers 0x0A through 0x0C contain the following parameters which allow the user to
configure rate dependent loop bandwidth: CFG_PLL_LBW_12G, CFG_PLL_LBW_6G,
CFG_PLL_LBW_3G, CFG_PLL_LBW_HD, CFG_PLL_LBW_SD, and
CFG_PLL_LBW_MADI. The loop bandwidth settings are defined in terms of ratios of the
nominal loop bandwidth. For each rate, where '1.0x' is the nominal loop bandwidth, the
following ratios are available: 0.0625x, 0.125x, 0.25x, 0.5x, and 1.0x. Table 2-3 provides
the specific loop bandwidths for each data rate and loop bandwidth setting. Lowering
the loop bandwidth will lower the jitter amplitude above the loop bandwidth
frequency. Although lower output jitter is desirable, the lower loop bandwidth may
reduce the device’s IJT to very high jitter that may be present outside the loop
bandwidth.
4.3.2 Automatic and Manual Rate Detection
With the default rate detect setting, the CDR will automatically attempt to lock to any of
following data rates: SD-SDI (270Mb/s), HD-SDI (1.485Gb/s), 3G-SDI (2.97Gb/s), 6G-SDI
(5.94Gb/s) and 12G-SDI (11.88Gb/s). This includes the f/1.001 rates. However, the CDR
can be configured to only lock to a single rate, by setting the
CFG_AUTO_RATE_DETECT_ENA and CFG_MANUAL_RATE parameters in register
0x06. In addition to CFG_MANUAL_RATE, with automatic rate detection enabled
(CFG_AUTO_RATE_DETECT_ENA = 1), specific rates can be excluded from the rate
detect list through the CFG_RATE_ENA_<r> rate disable mask parameter in 0x06,
where r is the rate to be disabled or enabled. For details on specific settings, please see
the RATE_ DETECT_ MODE register.
The STAT_LOCK parameter in register 0x86 will indicate that the CDR is locked when its
value is 1b and unlocked when its value is 0b. The lock status can also be monitored
externally on any GPIO pin, however it is the default mode for GPIO1, pin 18. The
STAT_DETECTED_RATE parameter in register 0x87 will indicate the data rate at which
the CDR is locked to. A value of 0d in the STAT_DETECTED_RATE parameter indicates
that the device is not locked, while values between 1d and 6d will indicate that the
device is locked to one of the six available rates between MADI at 125Mb/s and UHD-SDI
at 11.88Gb/s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com