Electronic Components Datasheet Search
  English  ▼

X  

GS12281 Datasheet(PDF) 88 Page - Semtech Corporation

Part # GS12281
Description  12G UHD-SDI Re-timing Cable Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12281 Datasheet(HTML) 88 Page - Semtech Corporation

Back Button GS12281 Datasheet HTML 84Page - Semtech Corporation GS12281 Datasheet HTML 85Page - Semtech Corporation GS12281 Datasheet HTML 86Page - Semtech Corporation GS12281 Datasheet HTML 87Page - Semtech Corporation GS12281 Datasheet HTML 88Page - Semtech Corporation GS12281 Datasheet HTML 89Page - Semtech Corporation GS12281 Datasheet HTML 90Page - Semtech Corporation GS12281 Datasheet HTML 91Page - Semtech Corporation GS12281 Datasheet HTML 92Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 97 page
background image
GS12281
Final Data Sheet
Rev.9
PDS-061385
February 2019
88 of 97
Semtech
Proprietary & Confidential
www.semtech.com
86
CURRENT_
STATUS_0
RSVD
15
RO
—
Reserved
STAT_CLEAR_COUNTS_
STATUS
14:13
RO
—
Clear counts status:
0 = Idle
1 = Reserved
2 = Indicates device has cleared the
sticky counts
3 = Reserved.
Part of a four-way handshake with
CTRL_CLEAR_COUNTS.
See Section 4.9.11 for more details on
implementing the four way handshake
for this operation.
STAT_LOCK
12
RO
—
PLL lock status:
0 = PLL is unlocked
1 = PLL is locked
STAT_SLEEP
11
RO
—
Sleep status:
0 = Device is not in sleep
1 = Device is currently in sleep
RSVD
10:8
RO
—
Reserved
STAT_OUTPUT1_MODE
7:4
RO
—
Cable driver output1 (SDO1) output
status:
0 = Mission Cable Driver SD/MADI slew
rate
1 = Mission Cable Driver HD/3G slew
rate
2 = Mission Cable Driver 6G/12G slew
rate
3 = Reserved
4 = Reserved
5 = Balanced
6 = Mute
7 = Disabled
STAT_OUTPUT0_MODE
3:0
RO
—
cable driver output0 (SDO0) output
status:
0 = Mission Cable Driver SD/MADI slew
rate
1 = Mission Cable Driver HD/3G slew
rate
2 = Mission Cable Driver 6G/12G slew
rate
3 = Reserved
4 = Reserved
5 = Balanced
6 = Mute
7 = Disabled
Table 5-4: Status Register Descriptions (Continued)
Address
Register
Name
Parameter Name
Bit
Slice
R/W
Reset
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com