Electronic Components Datasheet Search
  English  ▼

X  

FXLS8964AF Datasheet(PDF) 5 Page - NXP Semiconductors

Part # FXLS8964AF
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8964AF Datasheet(HTML) 5 Page - NXP Semiconductors

  FXLS8964AF Datasheet HTML 1Page - NXP Semiconductors FXLS8964AF Datasheet HTML 2Page - NXP Semiconductors FXLS8964AF Datasheet HTML 3Page - NXP Semiconductors FXLS8964AF Datasheet HTML 4Page - NXP Semiconductors FXLS8964AF Datasheet HTML 5Page - NXP Semiconductors FXLS8964AF Datasheet HTML 6Page - NXP Semiconductors FXLS8964AF Datasheet HTML 7Page - NXP Semiconductors FXLS8964AF Datasheet HTML 8Page - NXP Semiconductors FXLS8964AF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 98 page
background image
NXP Semiconductors
FXLS8964AF
3-Axis Low-g Accelerometer
FXLS8964AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Objective data sheet
Rev. 2 — 30 October 2020
5 / 98
Symbol
Pin
Description
SPI_CS_B / WAKE_UP
7
SPI chip select input, active low / Hibernate mode Wake-Up pin.[6] The
WAKE_UP function is only available when BT_MODE = GND.
INT1 / MOT_DET
8
Mode dependent multifunction I/O pin 1.[7]
BT_MODE = GND: Programmable interrupt output pin 1.[5] This pin should
be left unconnected if unused in the application circuit.
BT_MODE = VDD: MOT_DET multifunction I/O.[4] The host MCU sets this
pin high through a pull-up resistor to enable motion detection, and drives
it low for greater than TMOT-HIB ms to disable motion detection and enter
Hibernate mode. FXLS8964AF will pulse the line low for TPULSE-MOT ms
after motion is detected. This line may also be used to select the motion
detection threshold. See Section 12 for more information.
INTF_SEL
9
Device interface mode selection pin.
VDD: SPI interface mode [3]
GND: I2C interface mode
GND
10
Supply return connection.
[1]
BT_MODE state is latched after POR.
[2]
Under Hibernate mode, pin configuration is High Impedance.
[3]
3-wire SPI mode may be selected in
SENS_CONFIG1[SPI_M]; 3-wire operation is also possible by directly connecting the SPI_MISO and SPI_MOSI pins
together on the PCB.
[4]
An external pull-up resistor is required on this pin when BT_MODE = VDD.
[5]
This pin is configurable as either an input or output (push-pull or open-drain/open-source output type), but defaults to a push-pull output after POR, or after
exiting Hibernate mode.
[6]
Under Hibernate mode, pin configuration is High Impedance (when BT_MODE = VDD) and CMOS Input (when BT_MODE = GND).
[7]
Under Hibernate mode, pin configuration is High Impedance (when BT_MODE = GND) and CMOS Input (when BT_MODE = VDD).
7 System connections
FXLS8964AF connects to a host processor through an I2C or SPI interface. Figure 3 to
Figure 8 show the recommended circuit connections.
7.1 Typical application circuits
X7R or X5R ceramic capacitors are recommended for VDD supply decoupling. A 1 µF
capacitor in parallel with a 0.1 µF is recommended as a starting point per NXP's EMC
test standard. These capacitors should be placed as close to the VDD supply pin as
practical. The values of the capacitors can be changed to suit the application's EMC
performance requirements.
2
3
5
6
8
1
4
7
9
10
VDD
SA0/SPI_MISO
BT_MODE
SCL/SCLK
GND
INTF_SEL
INT1/MOT_DET
SPI_CS_B/WAKE_UP
INT2/EXT_TRIG/BOOT_OUT
SDA/SPI_MOSI
C2
0.1
C1
1.0 µF
VDD
R3
R4
R1
R2
INT1
I2C_SDA
I2C_SCL
VDD
I2C_SA0
INT2/EXT_TRIG
WAKE_UP
µF
Figure 3. Typical Application Circuit #1 – I2C mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com