Electronic Components Datasheet Search
  English  ▼

X  

FXLS8964AF Datasheet(PDF) 10 Page - NXP Semiconductors

Part # FXLS8964AF
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8964AF Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button FXLS8964AF Datasheet HTML 6Page - NXP Semiconductors FXLS8964AF Datasheet HTML 7Page - NXP Semiconductors FXLS8964AF Datasheet HTML 8Page - NXP Semiconductors FXLS8964AF Datasheet HTML 9Page - NXP Semiconductors FXLS8964AF Datasheet HTML 10Page - NXP Semiconductors FXLS8964AF Datasheet HTML 11Page - NXP Semiconductors FXLS8964AF Datasheet HTML 12Page - NXP Semiconductors FXLS8964AF Datasheet HTML 13Page - NXP Semiconductors FXLS8964AF Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 98 page
background image
NXP Semiconductors
FXLS8964AF
3-Axis Low-g Accelerometer
FXLS8964AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Objective data sheet
Rev. 2 — 30 October 2020
10 / 98
cross-axis sensitivity terms known as Sxy, Sxz, Syx, Syz, Szx and Szy. The cross-axis
sensitivity specification represents the maximum of these six terms.
Output data rate, decimation factor, and power consumption
The Output Data Rate (ODR) defines the rate at which acceleration data is output from
FXLS8964AF. Depending on the operating mode and ODR that is selected, different
decimation factors (oversampling ratios) are applied. The decimated output data is
supplied at the ODR rate, even though multiple samples of the sensor data may have
been used to calculate this average result. In FXLS8964AF lowest power mode, the
decimation factor is always 1, leading to the best power performance at the expense of
the poorest noise (resolution) performance. In high performance mode, the decimation
factor is automatically increased to the maximum possible value for a given ODR,
resulting in the best noise (resolution) performance at the expense of the poorest power
consumption. In motion detection mode with BT_MODE=VDD, use of HPM or FPM mode
is not advised. Only the default LPM mode should be used.
9.2 Absolute maximum ratings
Absolute maximum ratings are the limits the device can be exposed to without damage.
Functional operation at absolute maximum rating is not guaranteed.
Although this device contains circuitry to protect against damage due to high static
voltage or electrostatic fields, it is advised that normal precautions be taken to avoid
application of any voltage higher than the maximum-rated voltage.
Table 3. Device absolute maximum ratings
Symbol
Rating
Min
Max
Unit
ACCmax-2k
Maximum applied acceleration, 0.5 ms duration
—
2,000
g
ACCmax-10k
Maximum applied acceleration, 0.1 ms duration
—
10,000
g
VDDMAX
Maximum sensor supply voltage
0
+3.6
V
VINMAX
Maximum voltage level applied to any input pin
–0.3
VDD+0.3
V
TOP
Operating temperature range
–40
+105
°C
TSTG
Storage temperature range
–40
+125
°C
Table 4. ESD and latch-up-protection characteristics
Symbol
Rating
Min
Unit
VHBM
Human Body Model
±2000
V
VCDM
Charged Device Model
±500
V
ILU
Latch-up current at T = +105 °C (per AEC-Q100-004)
±100
mA
Caution
This device is sensitive to mechanical shock, improper handling can cause permanent damage to the part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com