Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 252 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 252 Page - NEC

Back Button VR4102 Datasheet HTML 248Page - NEC VR4102 Datasheet HTML 249Page - NEC VR4102 Datasheet HTML 250Page - NEC VR4102 Datasheet HTML 251Page - NEC VR4102 Datasheet HTML 252Page - NEC VR4102 Datasheet HTML 253Page - NEC VR4102 Datasheet HTML 254Page - NEC VR4102 Datasheet HTML 255Page - NEC VR4102 Datasheet HTML 256Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 701 page
background image
CHAPTER 10 BCU (BUS CONTROL UNIT)
252
10.5 BUS OPERATIONS
The bus operations of buses controlled by the BCU are described below.
The BCU’s operating clock (TClock) appears in the timing chart for each bus operation.
Remark
# that follows signal names indicates active low.
10.5.1 ROM Access
The VR4102 supports the following three modes for ROM access.
Use BCUCNTREG1’s PAGEROM2/0 bits and ROMWEN2/0 bits to set the mode.
x Ordinary ROM read mode (ROMWEN, PAGEROM = 00)
x PageROM read mode (ROMWEN, PAGEROM = 01)
x Flash Memory mode (ROMWEN = 1)
(1) Ordinary ROM Read Mode
Set ROMWEN = 0 and PAGEROM = 0.
WROMA[2:0] (BCUSPEEDREG [2:0]) can be used to set the access time.
Figures 10-1 and 10-2 show 4-byte read timing chart data for when WROMA [2:0] is set to “110”. If access uses
a data size larger than 4 bytes, the Trom cycle is continued until the required access size is reached.
Table 10-8. Access Times during Ordinary ROM Read Mode
WROMA [2:0]
Trom (TClock)
000
9
001
8
010
7
011
6
100
5
101
4
110
3
111
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com