Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 254 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 254 Page - NEC

Back Button VR4102 Datasheet HTML 250Page - NEC VR4102 Datasheet HTML 251Page - NEC VR4102 Datasheet HTML 252Page - NEC VR4102 Datasheet HTML 253Page - NEC VR4102 Datasheet HTML 254Page - NEC VR4102 Datasheet HTML 255Page - NEC VR4102 Datasheet HTML 256Page - NEC VR4102 Datasheet HTML 257Page - NEC VR4102 Datasheet HTML 258Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 701 page
background image
CHAPTER 10 BCU (BUS CONTROL UNIT)
254
(2) PageROM Read Mode
Set ROMWEN = 0 and PAGEROM = 1.
WROMA[2:0] (BCUSPEEDREG [2:0]) and WPROM[1:0] (BCUSPEEDREG [13:12]) can be used to set the
access time.
Figures 10-3 and 10-4 show 16-byte read timing charts for when WROMA [2:0] is set to “111” and WPROM [1:0]
is set to “10”. The ROMCS[3:0]# and RD# pins are held at low level during Trom cycles.
Table 10-9. PageROM Read Mode Access Time
WROMA [2:0]
Trom (TClock)
WPROM [1:0]
Tprom (TClock)
000
9
00
3
001
8
01
2
010
7
10
1
011
6
11
RFU
100
5
101
4
110
3
111
2
Figure 10-3. PageROM 4-word Read, 16-bit Mode (WROMA[2:0] = 111, WPROM[1:0] = 10)
Trom
RD#
ROMCS[3:0]#
ADD[25:0]
TClock(Internal)
DATA[15:0]
Tprom Tprom Tprom Tprom Tprom Tprom Tprom
Remark
The dotted lines indicate high impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com