Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 250 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 250 Page - NEC

Back Button VR4102 Datasheet HTML 246Page - NEC VR4102 Datasheet HTML 247Page - NEC VR4102 Datasheet HTML 248Page - NEC VR4102 Datasheet HTML 249Page - NEC VR4102 Datasheet HTML 250Page - NEC VR4102 Datasheet HTML 251Page - NEC VR4102 Datasheet HTML 252Page - NEC VR4102 Datasheet HTML 253Page - NEC VR4102 Datasheet HTML 254Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 701 page
background image
CHAPTER 10 BCU (BUS CONTROL UNIT)
250
10 Compare the data written to flash memory with the original data.
• If the data matches, perform processing at “11”.
• If the data does not match
Start processing from “1” when rewriting.
If processing is interrupted, start processing from “11”.
11 Reduce the flash memory write voltage (VPP) and end processing after flash memory mode has been
canceled.
12 Clear any error data in the flash memory register.
• If writing again
If the write voltage is too low, start processing from “1”.
In all other cases, start processing from “4”.
• If processing is completed, perform processing at “11”.
10.4.5 LCD Control Interface
(1) Access Size
Available access sizes for accessing the LCD controller interface are 1 byte, 2 bytes, 4 bytes, and 8 bytes.
(2) Data Inversion
When “0” has been set to the BCUCNTREG1’s ISAM/LCD bit and to BCUCNTREG2’s GMODE bit, the VR4102
inverts the bits in the data being read or written via the LCD controller interface.
Table 10-6. Example of Bit Inversion in Data in VR4102 and at DATA [15:0] Pins
Data in VR4102
Data at DATA [15:0] Pins
0x0000
0xFFFF
0xA5A5
0x5A5A
0x1234
0xEDCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com