Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 247 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 247 Page - NEC

Back Button VR4102 Datasheet HTML 243Page - NEC VR4102 Datasheet HTML 244Page - NEC VR4102 Datasheet HTML 245Page - NEC VR4102 Datasheet HTML 246Page - NEC VR4102 Datasheet HTML 247Page - NEC VR4102 Datasheet HTML 248Page - NEC VR4102 Datasheet HTML 249Page - NEC VR4102 Datasheet HTML 250Page - NEC VR4102 Datasheet HTML 251Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 701 page
background image
CHAPTER 10 BCU (BUS CONTROL UNIT)
247
10.4 NOTES ON USING BCU
10.4.1 CPU Core Bus Modes
The VR4102 is designed on the assumption that the CPU core is set to the following mode.
• Writeback data rate
: D
• Accelerate data ratio : VR4x00 compatible mode
Therefore, set the Config Register as below:
•
EP : 0000
•AD : 0
10.4.2 Access Data Size
In the VR4102, access size is restricted for each address space. Access sizes for the following address spaces
are listed below.
Table 10-4. Access Size Restrictions for Address Spaces
Address space
R/W
Access size (bytes)
Remark
16
84
321
ROM/PageROM
R
{{{
{{{
Flash memory
W
uu
u
u
Note 1
System bus I/O space
R/W
{{{
u
{{
System bus memory space
R/W
{{{
u
{{
On-chip I/O space 1
R/W
{{{
u
{{
On-chip I/O space 2
R/W
u
{{
u
{
u
LCD space
R/W
u
{{
u
{{
Notes 2, 3
High-speed system bus memory space
R/W
u
{{
u
{{
Note 3
DRAM
R/W
{{{
{{{
Notes 1.
The access size when writing to flash memory must be the same as the data bus width such as below;
In 32-bit mode: 4 bytes
In 16-bit mode: 2 bytes
2.
Use as uncached.
3.
The LCD space and high-speed system bus memory space are mapped to the same physical
address.
Use BCUCNTREG1’s ISAM/LCD bit to switch between the two.
Remark
{,
: accessible,
u : not accessible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com