Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 243 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 243 Page - NEC

Back Button VR4102 Datasheet HTML 239Page - NEC VR4102 Datasheet HTML 240Page - NEC VR4102 Datasheet HTML 241Page - NEC VR4102 Datasheet HTML 242Page - NEC VR4102 Datasheet HTML 243Page - NEC VR4102 Datasheet HTML 244Page - NEC VR4102 Datasheet HTML 245Page - NEC VR4102 Datasheet HTML 246Page - NEC VR4102 Datasheet HTML 247Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 701 page
background image
CHAPTER 10 BCU (BUS CONTROL UNIT)
243
10.2.6 REVIDREG (0x0B00 0010)
Bit
D15
D14
D13
D12
D11
D10
D9
D8
Name
RID[3]
RID[2]
RID[1]
RID[0]
MJREV[3]
MJREV[2]
MJREV[1]
MJREV[0]
R/W
R
RR
RRR
R
R
RTCRST
0
0
0
1
Undefined
Undefined
Undefined
Undefined
Other resets
0
0
0
1
Undefined
Undefined
Undefined
Undefined
Bit
D7
D6D5
D4D3D2
D1
D0
Name
Reserved
Reserved
Reserved
Reserved
MNREV[(3]
MNREV[2]
MNREV[1]
MNREV[0]
R/W
R
RR
RRR
R
R
RTCRST
0
0
0
0
Undefined
Undefined
Undefined
Undefined
Other resets
0
0
0
0
Undefined
Undefined
Undefined
Undefined
Bit
Name
Function
D[15..12]
RID[3:0]
This is the processor revision ID. 0x01 indicates the VR4102.
D[11..8]
MJREV[3..0]
Major revision number
D[7..4]
Reserved
Write 0 when writing. 0 is returned after a read.
D[3..0]
MNREV[3..0]
Minor revision number
This register is used to indicate revisions of the VR4102’s peripheral units.
The revision number is stored as a value in the form
y.x, where y is a major revision number and x is a minor
revision number.
Major revision number and minor revision number can distinguish the revision of the CPU and the peripheral
units, however there is no guarantee that changes to the CPU and the peripheral units will necessarily be reflected in
this register, or that changes to the revision number necessarily reflect real CPU’s and units’ changes. For this
reason, these values are not listed and software should not rely on the revision number in PREVIDREG to
characterize the units.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com