Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 240 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 240 Page - NEC

Back Button VR4102 Datasheet HTML 236Page - NEC VR4102 Datasheet HTML 237Page - NEC VR4102 Datasheet HTML 238Page - NEC VR4102 Datasheet HTML 239Page - NEC VR4102 Datasheet HTML 240Page - NEC VR4102 Datasheet HTML 241Page - NEC VR4102 Datasheet HTML 242Page - NEC VR4102 Datasheet HTML 243Page - NEC VR4102 Datasheet HTML 244Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 701 page
background image
CHAPTER 10 BCU (BUS CONTROL UNIT)
240
(2/2)
Bit
Name
Function
D[6..4]
WISAA[2..0]
System bus access speed
111 : RFU. Operation is not guaranteed when this value has been set.
110 : RFU. Operation is not guaranteed when this value has been set.
101 : 3TClock
Note
100 : 4TClock
Note
011 : 5TClock
010 : 6TClock
001 : 7TClock
000 : 8TClock
D[3]
Reserved
Write 0 when writing. 0 is returned after a read.
D[2..0]
WROMA[2..0]
ROM access speed
111 : 2TClock
110 : 3TClock
101 : 4TClock
100 : 5TClock
011 : 6TClock
010 : 7TClock
001 : 8TClock
000 : 9TClock
Note When the WISAA [2:0] bits are set to 101 or 100, the AC characteristics between BUSCLK and the system
bus interface signals (ADD [25:0], SHB#, MEMR#, MEMW#, IOR#, and IOW#) are not guaranteed.
This register is used to set the access speed for the LCD, system bus, page ROM, and ROM.
The lowest speed is set when “0” is set to all of the following bits: WLCD/M[2..0], WPROM[1..0], WISAA[2..0],
and WROMA[2..0]. Setting “1” to all of these bits sets the highest speed.
The value set to WPROM[1..0] is valid only when “1” has been set to the PAGEROM bit in BCUCNTREG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com