Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 237 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 237 Page - NEC

Back Button VR4102 Datasheet HTML 233Page - NEC VR4102 Datasheet HTML 234Page - NEC VR4102 Datasheet HTML 235Page - NEC VR4102 Datasheet HTML 236Page - NEC VR4102 Datasheet HTML 237Page - NEC VR4102 Datasheet HTML 238Page - NEC VR4102 Datasheet HTML 239Page - NEC VR4102 Datasheet HTML 240Page - NEC VR4102 Datasheet HTML 241Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 701 page
background image
CHAPTER 10 BCU (BUS CONTROL UNIT)
237
(2/2)
Bit
Name
Function
D[7]
Reserved
Write 0 when writing. 0 is returned after a read.
D[6]
ROMWEN2
This enables flash memory write and issues a flash memory register read-only bus
cycle for the ROM space in banks 3 and 2 (16-bit mode) or in bank 1 (32-bit mode).
1 : Enable (Not affected by PAGEROM2)
0 : Prohibit
D[5]
Reserved
Write 0 when writing. 0 is returned after a read.
D[4]
ROMWEN0
This enables flash memory write and issues a flash memory register read-only bus
cycle for the ROM space in banks 1 and 0 (16-bit mode) or in bank 0 (32-bit mode).
1 : Enable (Not affected by PAGEROM0)
0 : Prohibit
D[3..2]
Reserved
Write 0 when writing. 0 is returned after a read.
D[1]
BUSHERREN
This is the bus timeout detection enable bit, which is used when a bus hold has been
received.
1 : Performs timeout detection when a bus hold has been received.
0 : Does not perform timeout detection when a bus hold has been received.
D[0]
RSTOUT
RSTOUT control bit
1 : High level
0 : Low level
This register is used to set parameters such as the bus interface’s bus cycle.
For the setting of the PAGEROM2 and ROMWEN2 bits, the target ROM area differs depending on a data bus
mode. The access target ROM area is banks 3 and 2 in 16-bit data bus mode, and bank 1 in 32-bit data bus mode.
For the setting of the PAGEROM0 and ROMWEN0 bits, the target ROM area differs depending on the data bus
mode. The access target ROM area is banks 1 and 0 in 16-bit data bus mode, and bank 0 in 32-bit data bus mode.
When a timeout is detected while the BUSHERREN bit is set to 1, the BERRST bit of the BCUERRSTREG
register is set to 1 and an interrupt request is sent to the CPU. The RSTOUT pin is set to high to request bus release
from the external bus master.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com