Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 234 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 234 Page - NEC

Back Button VR4102 Datasheet HTML 230Page - NEC VR4102 Datasheet HTML 231Page - NEC VR4102 Datasheet HTML 232Page - NEC VR4102 Datasheet HTML 233Page - NEC VR4102 Datasheet HTML 234Page - NEC VR4102 Datasheet HTML 235Page - NEC VR4102 Datasheet HTML 236Page - NEC VR4102 Datasheet HTML 237Page - NEC VR4102 Datasheet HTML 238Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 701 page
background image
CHAPTER 9 CPU CORE INTERRUPTS
234
9.5.2 Masking Interrupt Signals
Figure 9-3 shows the masking of the CPU core interrupt signals.
— Cause register bits 15 to 8 (IP7 to IP0) are AND-ORed with Status register interrupt mask bits 15 to 8 (IM7 to
IM0) to mask individual interrupts.
— Status register bit 0 is a global Interrupt Enable bit (IE). It is ANDed with the output of the AND-OR logic to
produce the CPU core interrupt signal. The EXL bit in the Status register also enables these interrupts.
Figure 9-3. Masking of the CPU Core Interrupts
IE
IM0
IM1
IM2
IM3
IM4
IM5
IM6
IM7
IP0
IP1
IP2
IP3
IP4
IP5
IP6
IP7
Status register
SR (0)
Status register
SR (15:8)
Cause register
(15:8)
Software interrupts
generated in CPU core
Ordinary
interrupts
Timer interrupt
AND-OR
logic
AND logic
CPU core
interrupt
8
9
10
11
12
13
14
15
8
9
10
11
12
13
14
15
8
8
1
1
Bit
Function
Setting
IE
Interrupt enable for all interrupts
1: Enable
0: Disable
IM (7:0)
Interrupt mask
1: Enable for individual bits
0: Disable for individual bits
IP (7:0)
Interrupt request
1: Pending request for individual bits
0: No pending for individual bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com