Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 236 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 236 Page - NEC

Back Button VR4102 Datasheet HTML 232Page - NEC VR4102 Datasheet HTML 233Page - NEC VR4102 Datasheet HTML 234Page - NEC VR4102 Datasheet HTML 235Page - NEC VR4102 Datasheet HTML 236Page - NEC VR4102 Datasheet HTML 237Page - NEC VR4102 Datasheet HTML 238Page - NEC VR4102 Datasheet HTML 239Page - NEC VR4102 Datasheet HTML 240Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 701 page
background image
CHAPTER 10 BCU (BUS CONTROL UNIT)
236
10.2.1 BCUCNTREG 1 (0x0B00 0000)
(1/2)
Bit
D15
D14
D13
D12
D11
D10
D9
D8
Name
ROM64
DRAM64
ISAM/LCD
PAGE128
Reserved
PAGEROM2
Reserved
PAGEROM0
R/W
R/W
R/W
R/W
R/W
R
R/W
R
R/W
RTCRST
0
0
0
0
0
0
0
0
Other resets
0
0
0
0
0
0
0
0
Bit
D7
D6D5
D4D3D2
D1
D0
Name
Reserved
ROMWEN2
Reserved
ROMWEN0
Reserved
Reserved
BUSHERREN
RSTOUT
R/W
R
R/W
R
R/W
R
R
R/W
R/W
RTCRST
0
0
0
0
0
0
0
0
Other resets
0
0
0
0
0
0
0
0
Bit
Name
Function
D[15]
ROM64
Sets the capacity of the ROM to be used
1: 64M-bit ROM
0: 32M-bit ROM
D[14]
DRAM64
Sets the capacity of the DRAM to be used
1 : 64M-bit DRAM
0 : 16M-bit DRAM
D[13]
ISAM/LCD
Assigns space from 0x0A00 0000 to 0x0AFF FFFF as the physical address space.
1 : As ISA high-speed memory space
0 : As LCD space
D[12]
PAGE128
Sets the maximum burst acceleration size for Page ROM.
1 : 128-bit (16 byte)
0 : 64-bit (8 byte)
D[11]
Reserved
Write 0 when writing. 0 is returned after a read.
D[10]
PAGEROM2
This is the page ROM access enable bit for the ROM space in banks 3 and 2 (16-bit
mode) or in bank 1 (32-bit mode).
1 : Page ROM
0 : Ordinary ROM
D[9]
Reserved
Write 0 when writing. 0 is returned after a read.
D[8]
PAGEROM0
This is the page ROM access enable bit for the ROM space in banks 1 and 0 (16-bit
mode) or in bank 0 (32-bit mode).
1 : Page ROM
0 : Ordinary ROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com