Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 235 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 235 Page - NEC

Back Button VR4102 Datasheet HTML 231Page - NEC VR4102 Datasheet HTML 232Page - NEC VR4102 Datasheet HTML 233Page - NEC VR4102 Datasheet HTML 234Page - NEC VR4102 Datasheet HTML 235Page - NEC VR4102 Datasheet HTML 236Page - NEC VR4102 Datasheet HTML 237Page - NEC VR4102 Datasheet HTML 238Page - NEC VR4102 Datasheet HTML 239Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 701 page
background image
235
CHAPTER 10 BCU (BUS CONTROL UNIT)
This chapter describes the BCU’s operations and register settings.
10.1 GENERAL
In the VR4102, the BCU receives data that has passed via the VR4100 CPU core and the SysAD bus. The BCU
also controls external agents via the system bus, such as an LCD controller, DRAM, ROM (Flash memory or masked
ROM), or PCMCIA controller, and it transmits and receives data with these external agents via the ADD bus and
DATA bus.
10.2 REGISTER SET
The BCU registers are listed below.
Table 10-1. BCU Registers
Address
R/W
Register symbols
Function
0x0B00 0000
R/W
BCUCNTREG 1
BCU Control Register 1
0x0B00 0002
R/W
BCUCNTREG 2
BCU Control Register 2
0x0B00 000A
R/W
BCUSPEEDREG
BCU Access Cycle Change Register
0x0B00 000C
R/W
BCUERRSTREG
BCU BUS ERROR Status Register
0x0B00 000E
R/W
BCURFCNTREG
BCU Refresh Control Register
0x0B00 0010
R
REVIDREG
Revision ID Register
0x0B00 0012
R/W
BCURFCOUNTREG
BCU Refresh Count Register
0x0B00 0014
R/W
CLKSPEEDREG
Clock Speed Register
Each register is described in detail as follows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com