Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 336 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 336 Page - NEC

Back Button VR4102 Datasheet HTML 332Page - NEC VR4102 Datasheet HTML 333Page - NEC VR4102 Datasheet HTML 334Page - NEC VR4102 Datasheet HTML 335Page - NEC VR4102 Datasheet HTML 336Page - NEC VR4102 Datasheet HTML 337Page - NEC VR4102 Datasheet HTML 338Page - NEC VR4102 Datasheet HTML 339Page - NEC VR4102 Datasheet HTML 340Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 701 page
background image
CHAPTER 16 RTC (REALTIME CLOCK UNIT)
336
16.2 REGISTER SET
The RTC registers are listed below.
Table 16-1. RTC Registers
Address
R/W
Register Symbols
Function
0x0B00 00C0
R/W
ETIMELREG
Elapsed Time L Register
0x0B00 00C2
R/W
ETIMEMREG
Elapsed Time M Register
0x0B00 00C4
R/W
ETIMEHREG
Elapsed Time H Register
0x0B00 00C8
R/W
ECMPLREG
Elapsed Compare L Register
0x0B00 00CA
R/W
ECMPMREG
Elapsed Compare M Register
0X0B00 00CC
R/W
ECMPHREG
Elapsed Compare H Register
0x0B00 00D0
R/W
RTCL1LREG
RTC Long 1 L Register
0x0B00 00D2
R/W
RTCL1HREG
RTC Long 1 H Register
0x0B00 00D4
R
RTCL1CNTLREG
RTC Long 1 Count L Register
0x0B00 00D6
R
RTCL1CNTHREG
RTC Long 1 Count H Register
0x0B00 00D8
R/W
RTCL2LREG
RTC Long 2 L Register
0x0B00 00DA
R/W
RTCL2HREG
RTC Long 2 H Register
0x0B00 00DC
R
RTCL2CNTLREG
RTC Long 2 Count L Register
0x0B00 00DE
R
RTCL2CNTHREG
RTC Long 2 Count H Register
0x0B00 01C0
R/W
TCLKLREG
TCLK L Register
0x0B00 01C2
R/W
TCLKHREG
TCLK H Register
0x0B00 01C4
R
TCLKCNTLREG
TCLK Count L Register
0x0B00 01C6
R
TCLKCNTHREG
TCLK Count H Register
0x0B00 01DE
R/W
RTCINTREG
RTC Interrupt Register
Each register is described in detail below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com