Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 361 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 361 Page - NEC

Back Button VR4102 Datasheet HTML 357Page - NEC VR4102 Datasheet HTML 358Page - NEC VR4102 Datasheet HTML 359Page - NEC VR4102 Datasheet HTML 360Page - NEC VR4102 Datasheet HTML 361Page - NEC VR4102 Datasheet HTML 362Page - NEC VR4102 Datasheet HTML 363Page - NEC VR4102 Datasheet HTML 364Page - NEC VR4102 Datasheet HTML 365Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 361 / 701 page
background image
361
CHAPTER 18 GIU (GENERAL PURPOSE I/O UNIT)
This chapter describes the GIU’s operations and register settings.
18.1 GENERAL
The GIU controls GPIO and DCD# pins. GPIO pins are ports that support output functions and input functions
(including three types of interrupt trigger detection functions). The interrupts occur in response to an input signal
change (rising edge or falling edge of signal), low level, or high level.
The clocks and input buffer types used for interrupt detection at a GPIO pin are listed below.
When not used for an interrupt, the registers corresponding to these pins can be written to output a low-level or
high-level signal.
Each register can be read to check the state of the signal currently being input to the corresponding pin.
Table 18-1. GPIO Pin Functions
Pin
Interrupt detection clock
(internal)
Input buffer type
Output clock
(internal)
GPIO[49..32]
ð
ð
TClock
GPIO[31..16]
TClock
Normal
TClock
GPIO[15](DCD#)
MasterOut
Normal
ð
GPIO[14..9]
MasterOut
Normal
MasterOut
GPIO[8..5]
TClock
Normal
MasterOut
GPIO[4]
TClock
Schmitt
TClock
GPIO[3..0]
RTC
Schmitt
RTC
Cautions The function of GPIO[15] is fixed as DCD# input signal. This pin cannot
be used as a general-purpose input/output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com