Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 362 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 362 Page - NEC

Back Button VR4102 Datasheet HTML 358Page - NEC VR4102 Datasheet HTML 359Page - NEC VR4102 Datasheet HTML 360Page - NEC VR4102 Datasheet HTML 361Page - NEC VR4102 Datasheet HTML 362Page - NEC VR4102 Datasheet HTML 363Page - NEC VR4102 Datasheet HTML 364Page - NEC VR4102 Datasheet HTML 365Page - NEC VR4102 Datasheet HTML 366Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 701 page
background image
CHAPTER 18 GIU (GENERAL PURPOSE I/O UNIT)
362
18.2 REGISTER SET
The GIU registers are listed below.
Table 18-2. GIU Registers
Address
R/W
Register Symbols
Function
0x0B00 0100
R/W
GIUIOSELL
GPIO Input/Output Select Register L
0x0B00 0102
R/W
GIUIOSELH
GPIO Input/Output Select Register H
0x0B00 0104
R/W
GIUPIODL
GPIO Port Input/Output Data Register L
0x0B00 0106
R/W
GIUPIODH
GPIO Port Input/Output Data Register H
0x0B00 0108
R/W
GIUINTSTATL
GPIO Interrupt Status Register L
0x0B00 010A
R/W
GIUINTSTATH
GPIO Interrupt Status Register H
0x0B00 010C
R/W
GIUINTENL
GPIO Interrupt Enable Register L
0x0B00 010E
R/W
GIUINTENH
GPIO Interrupt Enable Register H
0x0B00 0110
R/W
GIUINTTYPL
GPIO Interrupt Type (Edge or Level) Select Register L
0x0B00 0112
R/W
GIUINTTYPH
GPIO Interrupt Type (Edge or Level) Select Register H
0x0B00 0114
R/W
GIUINTALSELL
GPIO Interrupt Active Level Select Register L
0x0B00 0116
R/W
GIUINTALSELH
GPIO Interrupt Active Level Select Register H
0x0B00 0118
R/W
GIUINTHTSELL
GPIO Interrupt Hold/Through Select Register L
0x0B00 011A
R/W
GIUINTHTSELH
GPIO Interrupt Hold/Through Select Register H
0x0B00 011C
R/W
GIUPODATL
GPIO Port Output Data Register L
0x0B00 011E
R/W
GIUPODATH
GPIO Port Output Data Register H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com