Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 365 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 365 Page - NEC

Back Button VR4102 Datasheet HTML 361Page - NEC VR4102 Datasheet HTML 362Page - NEC VR4102 Datasheet HTML 363Page - NEC VR4102 Datasheet HTML 364Page - NEC VR4102 Datasheet HTML 365Page - NEC VR4102 Datasheet HTML 366Page - NEC VR4102 Datasheet HTML 367Page - NEC VR4102 Datasheet HTML 368Page - NEC VR4102 Datasheet HTML 369Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 701 page
background image
CHAPTER 18 GIU (GENERAL PURPOSE I/O UNIT)
365
18.2.3 GIUPIODL (0x0B00 0104)
Bit
D15
D14
D13
D12
D11
D10
D9
D8
Name
PIOD[15]
PIOD[14]
PIOD[13]
PIOD[12]
PIOD[11]
PIOD[10]
PIOD[9]
PIOD[8]
R/W
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
RTCRST
0
0
0
0
0
0
0
0
Other resets
0
0
0
0
0
0
0
0
Bit
D7
D6D5
D4D3D2
D1
D0
Name
PIOD[7]
PIOD[6]
PIOD[5]
PIOD[4]
PIOD[3]
PIOD[2]
PIOD[1]
PIOD[0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
RTCRST
0
0
0
0
0
0
0
0
Other resets
0
0
0
0
0
0
0
0
Bit
Name
Function
D[15..0]
PIOD[15..0]
GPIO pin output data specification
1 : High
0 : Low
This register is used to read GPIO pins and write data. The PIOD[15..0] bits correspond to the GPIO[15..0] pins.
When “1” is set to the corresponding IOS bit in the GIUIOSELL register (GPIO Input/Output Select Register), the
data written to the PIOD bit is output via the corresponding GPIO pin.
When the value of the corresponding IOS bit in the GIUIOSELL register (GPIO Input/Output Select Register) is
“0”, writing a value to the PIOD bit does not affect the GPIO pin (the write data is ignored).
When the value of the IOS bit in the GIUIOSELL register (GPIO Input/Output Select Register) is “0”, reading the
PIOD bit enables the corresponding GPIO pin’s state to be read.
Caution
Since PIOD[15] (GPIO[15] (DCD#)) is fixed as input, write data cannot be output via this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com