Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 397 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 397 Page - NEC

Back Button VR4102 Datasheet HTML 393Page - NEC VR4102 Datasheet HTML 394Page - NEC VR4102 Datasheet HTML 395Page - NEC VR4102 Datasheet HTML 396Page - NEC VR4102 Datasheet HTML 397Page - NEC VR4102 Datasheet HTML 398Page - NEC VR4102 Datasheet HTML 399Page - NEC VR4102 Datasheet HTML 400Page - NEC VR4102 Datasheet HTML 401Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 397 / 701 page
background image
CHAPTER 19 PIU (TOUCH PANEL INTERFACE UNIT)
397
19.3.7 PIUAMSKREG (0x0B00 0132)
Bit
D15
D14
D13
D12
D11
D10
D9
D8
Name
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
R/W
R
RR
RRR
R
R
RTCRST
0
0
0
0
0
0
0
0
Other resets
0
0
0
0
0
0
0
0
Bit
D7
D6D5
D4D3D2
D1
D0
Name
ADINM3
ADINM2
ADINM1
ADINM0
TPYM1
TPYM0
TPXM1
TPXM0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
RTCRST
0
0
0
0
0
0
0
0
Other resets
0
0
0
0
0
0
0
0
Bit
Name
Function
D[15..8]
Reserved
Write 0 when writing. 0 is returned after a read.
D[7]
ADINM[3]
Audio input port mask
Valid only during A/D scan. If masked, A/D conversions are not performed for the
corresponding port.
D[6..4]
ADINM[2..0]
General-purpose A/D port mask
Valid only during A/D scan. If masked, A/D conversions are not performed for the
corresponding port.
1 : Mask
0 : Normal
D[3..2]
TPYM[1..0]
Touch panel A/D port TPY mask
Valid only during A/D scan. If masked, A/D conversions are not performed for the
corresponding port.
1 : Mask
0 : Normal
D[1..0]
TPXM[1..0]
Touch panel A/D port TPX mask
Valid only during A/D scan. If masked, A/D conversions are not performed for the
corresponding port.
1 : Mask
0 : Normal
This register is used to set masking of each A/D port. Its setting is valid only during A/D Port scanning operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com