Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 401 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 401 Page - NEC

Back Button VR4102 Datasheet HTML 397Page - NEC VR4102 Datasheet HTML 398Page - NEC VR4102 Datasheet HTML 399Page - NEC VR4102 Datasheet HTML 400Page - NEC VR4102 Datasheet HTML 401Page - NEC VR4102 Datasheet HTML 402Page - NEC VR4102 Datasheet HTML 403Page - NEC VR4102 Datasheet HTML 404Page - NEC VR4102 Datasheet HTML 405Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 401 / 701 page
background image
CHAPTER 19 PIU (TOUCH PANEL INTERFACE UNIT)
401
19.4 REGISTER SETTING FLOW
Be sure to reset the PIU before operating the scan sequencer. Setting initial values via a reset sets particular
values for the sequence interval, etc., that are required.
The registers for which these initial settings are necessary are listed below.
PIUSITVLREG
ScanIntval [10:0]
PIUSTBLREG
Stable [3:0]
Interrupt mask cancellation settings are required for registers other than the PIU registers.
Setting
Unit
Register
Bit
Value
ICU
MSYSINTREG
PIUINTR
1
Interrupt mask clear
ICU
MPIUINTREG
bit 6:0
0x7F
Clock mask clear
CMU
CMUCLKMSK
MSKPIU
1
(1) Register setting flow for voltage detection at A/D general-purpose ports and audio input port
Standby, WaitPenTouch, or Interval state
<1> PIUAMSKREG
AD port and audio input port mask setting
<2> PIUASCNREG
ADPSSTART = 1
p
ADPortScan state
<3> PIUASCNREG
ADPSSTART = 0
p
Standby, WaitPenTouch, or Interval state
(2) Register setting flow for auto scan coordinate detection
Standby state
<1> PIUCNTREG
PIUMode [1:0] = 00
PADATSCAN = 1
PADATSTOP = 1
<2> PIUCNTREG
PIUSEQEN = 1
p
WaitPenTouch state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com