Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 403 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 403 Page - NEC

Back Button VR4102 Datasheet HTML 399Page - NEC VR4102 Datasheet HTML 400Page - NEC VR4102 Datasheet HTML 401Page - NEC VR4102 Datasheet HTML 402Page - NEC VR4102 Datasheet HTML 403Page - NEC VR4102 Datasheet HTML 404Page - NEC VR4102 Datasheet HTML 405Page - NEC VR4102 Datasheet HTML 406Page - NEC VR4102 Datasheet HTML 407Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 403 / 701 page
background image
CHAPTER 19 PIU (TOUCH PANEL INTERFACE UNIT)
403
19.5 RELATIONSHIPS AMONG TPX, TPY, AND ADIN PINS AND STATES
State
PadState[2:0]
TPX[1:0]
TPY[1:0]
ADIN[2:0]
AUDIOIN
Power off (pen status detection)
Disable
HH
D
ðð ð ð ð
Low-power standby
Standby
00
00
ð ð ð ð
Pen status detection
WaitPenTouch/Interval
HH
D
ðð ð ð ð
Voltage detection at general-purpose AD0 port
ADPortScan
00
00
ð ð ð I
Voltage detection at general-purpose AD1 port
ADPortScan
00
00
ð ð I ð
Voltage detection at general-purpose AD2 port
ADPortScan
00
00
ð I ð ð
Voltage detection at audio input port
ADPortScan
00
00
I
ð ð ð
TPY1 = H, TPY0 = L, TPX0 = samp (X+)
PadDataScan
ðIHL
ð ð ð ð
TPY1 = L, TPY0 = H, TPX0 = samp (X
ð)
PadDataScan
ðILH
ð ð ð ð
TPX1 = H, TPX0 = L, TPY0 = samp (Y+)
PadDataScan
HL
ðI
ð ð ð ð
TPX1 = L, TPX0 = H, TPY0 = samp (Y
ð)
PadDataScan
LH
ðI
ð ð ð ð
Touch pressure detection (Z)
PadDataScan
HH
d
ðð ð ð ð
Remarks
0
: Low level input
1
: High level input
L
: Low level output
H : High level output
l
: A/D converter input
D : Touch interrupt input (via pull-down resistor)
d
: No touch interrupt input (via pull-down resistor)
ð : Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com