Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 459 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 459 Page - NEC

Back Button VR4102 Datasheet HTML 455Page - NEC VR4102 Datasheet HTML 456Page - NEC VR4102 Datasheet HTML 457Page - NEC VR4102 Datasheet HTML 458Page - NEC VR4102 Datasheet HTML 459Page - NEC VR4102 Datasheet HTML 460Page - NEC VR4102 Datasheet HTML 461Page - NEC VR4102 Datasheet HTML 462Page - NEC VR4102 Datasheet HTML 463Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 459 / 701 page
background image
CHAPTER 23 LED (LED CONTROL UNIT)
459
23.3 OPERATION FLOW
Set LEDHTSREG
Set LEDLTSREG
LEDCNTREG
LEDSTOP = 1
Set LEDASTCREG
LEDCNTREG
LEDENABLE = 1
LEDs blink
(Auto Stop)
LED blinking time setting
x LEDHTSREG
Sets LED lighting time.
x LEDLTSREG
Sets LED off time.
x LEDASTCREG
Sets number of LEDs blinking.
Caution Setting these registers to 0 is
prohibited because it may cause
undefined operation.
LED auto-stop setting
x LEDSTOP
Sets the LED blink auto-stop function to enable.
This setting terminates LED blinking
automatically after blinking time set above has
elapsed.
LED blinking start
x LEDENABLE
Starts LED blinking.
LEDs blink
Auto Stop
Counter = 0?
Yes
No
LEDENABLE = 0
LEDSTOP = 0
LEDINT = 1
LED blinking termination
x LEDENABLE = 0
Terminates LED blinking.
LED blinking
x Supervising the auto-stop counter
LED blinking terminates when the auto-stop
counter reaches 0.
Caution Setting the LEDENABLE or
LEDSTOP bit to 0 during blinking is
prohibited because it may cause
undefined operation.
LED blinking terminate interrupt generation
x LEDINT = 1
Generates an interrupt request to the ICU.
LEDs off
LEDs blinking
start condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com