Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 458 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 458 Page - NEC

Back Button VR4102 Datasheet HTML 454Page - NEC VR4102 Datasheet HTML 455Page - NEC VR4102 Datasheet HTML 456Page - NEC VR4102 Datasheet HTML 457Page - NEC VR4102 Datasheet HTML 458Page - NEC VR4102 Datasheet HTML 459Page - NEC VR4102 Datasheet HTML 460Page - NEC VR4102 Datasheet HTML 461Page - NEC VR4102 Datasheet HTML 462Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 458 / 701 page
background image
CHAPTER 23 LED (LED CONTROL UNIT)
458
23.2.5 LEDINTREG (0x0B00 024C)
Bit
D15
D14
D13
D12
D11
D10
D9
D8
Name
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
R/W
R
RR
RRR
R
R
RTCRST
0
0
0
0
0
0
0
0
Other resets
0
0
0
0
0
0
0
0
Bit
D7
D6D5
D4D3D2
D1
D0
Name
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
LEDINT
R/W
R
RR
RRR
R
R/W
RTCRST
0
0
0
0
0
0
0
0
Other resets
0
0
0
0
0
0
0
0
Bit
Name
Function
D[15..1]
Reserved
Write 0 when writing. 0 is returned after a read.
D[0]
LEDINT
Auto stop interrupt. Cleared to 0 when 1 is written.
1 : Yes
0 : No
This register indicates when an auto stop interrupt has occurred.
An auto stop interrupt occurs if “1” has already been set to bit 1 and bit 0 of the LEDCNTREG when the
LEDASTCREG is cleared to “0”. When this interrupt occurs, bit 1 and bit 0 of the LEDCNTREG are both cleared to
“0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com