Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 457 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 457 Page - NEC

Back Button VR4102 Datasheet HTML 453Page - NEC VR4102 Datasheet HTML 454Page - NEC VR4102 Datasheet HTML 455Page - NEC VR4102 Datasheet HTML 456Page - NEC VR4102 Datasheet HTML 457Page - NEC VR4102 Datasheet HTML 458Page - NEC VR4102 Datasheet HTML 459Page - NEC VR4102 Datasheet HTML 460Page - NEC VR4102 Datasheet HTML 461Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 457 / 701 page
background image
CHAPTER 23 LED (LED CONTROL UNIT)
457
23.2.4 LEDASTCREG (0x0B00 024A)
Bit
D15
D14
D13
D12
D11
D10
D9
D8
Name
ASTC[15]
ASTC[14]
ASTC[13]
ASTC[12]
ASTC[11]
ASTC[10]
ASTC[9]
ASTC[8]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
RTCRST
0
0
0
0
0
1
0
0
Other resets
0
0
0
0
0
1
0
0
Bit
D7
D6D5
D4D3D2
D1
D0
Name
ASTC[7]
ASTC[6]
ASTC[5]
ASTC[4]
ASTC[3]
ASTC[2]
ASTC[1]
ASTC[0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
RTCRST
1
0
1
1
0
0
0
0
Other resets
1
0
1
1
0
0
0
0
Bit
Name
Function
D[15..0]
ASTC[15..0]
LED auto stop time count bit
This register is a 16-bit down counter that sets the number of ON/OFF times prior to automatic stopping of LED
activation. The set value is read during a read.
The pair of operations in which the LED is switched ON once and OFF once is counted as “1” by this counter.
The counter counts down from the set value and an LEDINT interrupt occurs when it reaches zero.
The initial setting is 1,200 times (ON/OFF pairs) in which each time includes one second of ON time and two
seconds of OFF time.
Caution
Setting a zero to this register is prohibited. The operation is not guaranteed if zero is set to this
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com