Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 454 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 454 Page - NEC

Back Button VR4102 Datasheet HTML 450Page - NEC VR4102 Datasheet HTML 451Page - NEC VR4102 Datasheet HTML 452Page - NEC VR4102 Datasheet HTML 453Page - NEC VR4102 Datasheet HTML 454Page - NEC VR4102 Datasheet HTML 455Page - NEC VR4102 Datasheet HTML 456Page - NEC VR4102 Datasheet HTML 457Page - NEC VR4102 Datasheet HTML 458Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 454 / 701 page
background image
CHAPTER 23 LED (LED CONTROL UNIT)
454
23.2.1 LEDHTSREG (0x0B00 0240)
Bit
D15
D14
D13
D12
D11
D10
D9
D8
Name
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
R/W
R
RR
RRR
R
R
RTCRST
0
0
0
0
0
0
0
0
Other resets
0
0
0
0
0
0
0
0
Bit
D7
D6D5
D4D3D2
D1
D0
Name
Reserved
Reserved
Reserved
HTS[4]
HTS[3]
HTS[2]
HTS[1]
HTS[0]
R/W
R
R
R
R/W
R/W
R/W
R/W
R/W
RTCRST
0
0
0
1
0
0
0
0
Other resets
0
0
0
Note
Note
Note
Note
Note
Bit
Name
Function
D[15..5]
Reserved
Write 0 when writing. 0 is returned after a read.
D[4..0]
HTS[4..0]
LED ON time
00000 : Prohibit
00001 : 0.0625 seconds
00010 : 0.125 seconds
:
00100 : 0.25 seconds
:
01000 : 0.5 seconds
:
10000 : 1 second
:
11111 : 1.9375 seconds
Note Previous value is retained
This register is used to set the LED’s ON time (high-level width of LEDOUT#).
The ON time ranges from 0.0625 to 1.9375 seconds and can be set in 0.0625-second units. The initial value is 1
second.
This register cannot be changed once the LEDENABLE bit of LEDCNTREG has been set as “enable”. Operation
is not guaranteed if a change is made after that point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com