Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 452 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 452 Page - NEC

Back Button VR4102 Datasheet HTML 448Page - NEC VR4102 Datasheet HTML 449Page - NEC VR4102 Datasheet HTML 450Page - NEC VR4102 Datasheet HTML 451Page - NEC VR4102 Datasheet HTML 452Page - NEC VR4102 Datasheet HTML 453Page - NEC VR4102 Datasheet HTML 454Page - NEC VR4102 Datasheet HTML 455Page - NEC VR4102 Datasheet HTML 456Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 452 / 701 page
background image
CHAPTER 22 DSIU (DEBUG SERIAL INTERFACE UNIT)
452
Receive error flag
Receive operations can be affected by three types of error flags that are set during the receive operations: a
parity error flag, a framing error flag, and an overrun error flag.
A receive error interrupt request is issued after these three types of error flags are ORed.
During a receive error interrupt (Dsiu_Intser0), the contents of the ASIS0REG can be read to detect which
kind of error occurred during reception.
The contents of the ASIS0REG are reset (to “0”) when the receive buffer (RXB0REG or RXB0LREG) is read
or when the next data is received (another error flag is set if the next data also contains an error).
Table 22-2. Receive Error Causes
Receive error
Cause
Parity error
Parity specified during reception does not match parity of receive data
Framing error
Stop bit is not detected
Overrun error
Reception of the next data is completed before data is read from the receive buffer
Figure 22-4. Receive Error Timing
Dsiu_Intsr0
D0
Parity
D7
D6
D5
D4
D3
D2
D1
Start
Stop
DDIN
Dsiu_Intser0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com