Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 449 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 449 Page - NEC

Back Button VR4102 Datasheet HTML 445Page - NEC VR4102 Datasheet HTML 446Page - NEC VR4102 Datasheet HTML 447Page - NEC VR4102 Datasheet HTML 448Page - NEC VR4102 Datasheet HTML 449Page - NEC VR4102 Datasheet HTML 450Page - NEC VR4102 Datasheet HTML 451Page - NEC VR4102 Datasheet HTML 452Page - NEC VR4102 Datasheet HTML 453Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 449 / 701 page
background image
CHAPTER 22 DSIU (DEBUG SERIAL INTERFACE UNIT)
449
22.3.2 Transmission
After the DCTS# pin value is confirmed as “1”, writing data to a transmission shift register (TXS0REG or
TXS0LREG) activates transmission via the DDOUT pin. Use the transmit complete interrupt (Dsiu_Intst0) service
routine to write the next data to TXS0REG or TXS0LREG.
Transmission enable status
The DSIU unit is always set to transmission enable status. The DCTS# pin is used when it is necessary to
confirm that the remote side is ready to receive.
Activation of transmit operation
Writing data to a transmission shift register (TXS0REG or TXS0LREG) activates the transmit operation. The
transmit data is sent in LSB-first order, beginning with the start bit. The start bit, parity bit, and stop bit(s) are
added automatically.
Transmit complete interrupt request
Once one frame of data has been sent, a transmit complete interrupt request (Dsiu_Intst0) occurs. If the next
data to be transmitted is then not written to TXS0REG or TXS0LREG, the transmit operation is halted and the
transmission rate is lowered.
Cautions 1.
Normally, the transmit complete interrupt request (Dsiu_Intst0) occurs when the TXS0REG
or TXS0LREG register is empty. However, if a reset is input, the transmit complete interrupt
request (Dsiu_Intst0) will not occur even when the transmission shift register (TXS0REG or
TXS0LREG) is empty.
2.
Writing to either TXS0REG or TXS0LREG is prohibited during a transmit operation until
Dsiu_Intst0 occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com