Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 446 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 446 Page - NEC

Back Button VR4102 Datasheet HTML 442Page - NEC VR4102 Datasheet HTML 443Page - NEC VR4102 Datasheet HTML 444Page - NEC VR4102 Datasheet HTML 445Page - NEC VR4102 Datasheet HTML 446Page - NEC VR4102 Datasheet HTML 447Page - NEC VR4102 Datasheet HTML 448Page - NEC VR4102 Datasheet HTML 449Page - NEC VR4102 Datasheet HTML 450Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 446 / 701 page
background image
CHAPTER 22 DSIU (DEBUG SERIAL INTERFACE UNIT)
446
22.2.11 BPRM0REG (0x0B00 01B6)
Bit
D15
D14
D13
D12
D11
D10
D9
D8
Name
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
R/W
R
RR
RRR
R
R
RTCRST
0
0
0
0
0
0
0
0
Other resets
0
0
0
0
0
0
0
0
Bit
D7
D6D5
D4D3D2
D1
D0
Name
BRCE0
Reserved
Reserved
Reserved
Reserved
BPR0[2]
BPR0[1]
BPR0[0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
RTCRST
0
0
0
0
0
0
0
0
Other resets
0
0
0
0
0
0
0
0
Bit
Name
Function
D[15:8]
Reserved
Write 0 when writing. 0 is returned after a read.
D[7]
BRCE0
Baud rate generator count enable
1 : Enable
0 : Prohibit
D[6:3]
Reserved
Write 0 when writing. 0 is returned after a read.
D[2:0]
BPR0[2:0]
Debug serial baud rate setting
111 : 115200 bps
110 : 57600 bps
101 : 38400 bps
100 : 19200 bps
011 : 9600 bps
010 : 4800 bps
001 : 2400 bps
000 : 1200 bps
This register is used to set the baud rate for debug serial communications.
Debug serial operations are not guaranteed if the baud rate is changed during transmission or reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com